Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 179 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 179 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 181Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 182Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 183Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
179
February 1, 2010
Low Voltage Detector
- LVD
Each device has a Low Voltage Detector function, also
known as LVD. This enabled the device to monitor the
power supply voltage, VDD, and provide a warning signal
should it fall below a certain level. This function may be
especially useful in battery applications where the sup-
ply voltage will gradually reduce as the battery ages, as
it allows an early warning battery low signal to be gener-
ated. The Low Voltage Detector also has the capability
of generating an interrupt signal.
LVD Register
The Low Voltage Detector function is controlled using a
single register with the name LVDC. Three bits in this
register, VLVD2~VLVD0, are used to select one of eight
fixed voltages below which a low voltage condition will
be detemined. A low voltage condition is indicated when
the LVDO bit is set. If the LVDO bit is low, this indicates
that the VDD voltage is above the preset low voltage
value. The LVDEN bit is used to control the overall
on/off function of the low voltage detector. Setting the bit
high will enable the low voltage detector. Clearing the bit
to zero will switch off the internal low voltage detector
circuits. As the low voltage detector will consume a cer-
tain amount of power, it may be desirable to switch off
the circuit when not in use, an important consideration in
power sensitive battery powered applications.
· LVDC Register
Bit
76543210
Name
¾¾
LVDO
LVDEN
¾
VLVD2
VLVD1
VLVD0
R/W
¾¾
R
R/W
¾
R/W
R/W
R/W
POR
¾¾
00
¾
000
Bit 7~6
unimplemented, read as
²0²
Bit 5
LVDO: LVD Output Flag
0: No Low Voltage Detect
1: Low Voltage Detect
Bit
LVDEN: Low Voltage Detector Control
0: Disable
1: Enable
Bit 3
unimplemented, read as
²0²
Bit 2~0
VLVD2 ~ VLVD0: Select LVD Voltage
000: 2.0V
001: 2.2V
010: 2.4V
011: 2.7V
100: 3.0V
101: 3.3V
110: 3.6V
111: 4.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com