Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 183 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 183 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 181Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 182Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 183Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 184Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 185Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 186Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 187Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 246 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later using the application program. All options must be defined for proper system function, the
details of which are shown in the table.
No.
Options
Oscillator Options
1
High Speed System Oscillator Selection - fH:
1. HXT
2. ERC
3. HIRC
2
Low Speed System Oscillator Selection - fL:
1. LXT
2. LIRC
3
WDT Clock Selection - fS:
1. fSUB
2. fSYS/4
4
HIRC Frequency Selection:
1. 4MHz
2. 8MHz
3. 12MHz
Note: The fSUB and the fTBC clock source are LXT or LIRC selection by the fL configuration option.
Reset Pin Options
5
PB0/RES Pin Options:
1. RES pin
2. I/O pin
Watchdog Options
6
Watchdog Timer Function:
1. Enable
2. Disable
7
CLRWDT Instructions Selection:
1. 1 instructions
2. 2 instructions
LVR Options
8
LVR Function:
1. Enable
2. Disable
9
LVR Voltage Selection:
1. 2.10V
2. 2.55V
3. 3.15V
4. 4.20V
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
183
February 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com