Electronic Components Datasheet Search
  English  ▼

X  

MAX16807 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16807
Description  Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16807 Datasheet HTML 1Page - Maxim Integrated Products MAX16807 Datasheet HTML 2Page - Maxim Integrated Products MAX16807 Datasheet HTML 3Page - Maxim Integrated Products MAX16807 Datasheet HTML 4Page - Maxim Integrated Products MAX16807 Datasheet HTML 5Page - Maxim Integrated Products MAX16807 Datasheet HTML 6Page - Maxim Integrated Products MAX16807 Datasheet HTML 7Page - Maxim Integrated Products MAX16807 Datasheet HTML 8Page - Maxim Integrated Products MAX16807 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX16807 is an integrated, high-efficiency white or
RGB LED driver. It is designed for LCD backlighting
and other LED lighting applications with multiple strings
of LEDs. The MAX16807 current-mode PWM controller
regulates the necessary voltage to the LED array.
Depending on the input voltage and LED voltage
range, it can be used with boost or buck-boost (SEPIC)
topologies. The MAX16807 features an 8V to 26.5V
input voltage range. A wide range of adjustable fre-
quency (20kHz to 1MHz) allows design optimization for
efficiency and minimum board space.
The MAX16807 LED driver includes eight open-drain,
constant-current-sinking LED driver outputs rated for
36V continuous operation. The LED current-control cir-
cuitry achieves ±3% current matching among strings
and enables paralleling of outputs for LED string cur-
rents higher than 55mA. The output-enable pin is used
for simultaneous PWM dimming of all output channels.
Dimming frequency range is 50Hz to 30kHz and dim-
ming ratio is up to 5000:1. The constant-current outputs
are single resistor programmable and the LED current
can be adjusted up to 55mA per output channel.
The MAX16807 operates either in stand-alone mode or
with a microcontroller (µC) using an industry-standard, 4-
wire serial interface.
The MAX16807 includes overtemperature protection,
operates over the full -40°C to +125°C temperature
range, and is available in a thermally enhanced, 28-pin
TSSOP exposed paddle package.
Features
o Eight Constant-Current Output Channels (Up to
55mA Each)
o ±3% Current Matching Among Outputs
o Paralleling Channels Allows Higher Current per
LED String
o Output Rated for 36V Continuous Voltage
o Output-Enable Pin for PWM Dimming (Up to 30kHz)
o One Resistor Sets LED Current for All Channels
o Wide Dimming Ratio Up to 5000:1
o Low Current-Sense Reference (300mV) for High
Efficiency
o 8V to 26.5V Input Voltage or Higher with External
Biasing Devices
o 4-Wire Serial Interface to Control Individual
Output Channels
Applications
LCD White or RGB LED Backlighting:
LCD TVs, Desktop, and Notebook Panels
Automotive Navigation, Heads-Up,
and Infotainment Displays
Industrial and Medical Displays
Ambient, Mood, and Accent Lighting
Integrated 8-Channel LED Driver with
Switch-Mode Boost and SEPIC Controller
________________________________________________________________
Maxim Integrated Products
1
19-0655; Rev 2; 8/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configuration appears at end of data sheet.
Ordering Information
PART
TEMP RANGEPIN-PACKAGE
MAX16807AUI+
-40°C to +125°C
28 TSSOP-EP*
MAX16807
OUT0
FB
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
SET
LE
DIN
PGND
VCC
V+
OE
DOUT
CLK
REF
RTCT
CREF
RSET
CIN
CBYP
RCS
CC2
CC1
OUT CS AGND
COMP
RC1
R2
R1
COUT
RT
CT
3V TO 5.5V
VIN
VOUT
Q
L
D
LEDs
STAND-ALONE OPERATION
Typical Operating Circuits
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
Typical Operating Circuits continued at end of data sheet.


Similar Part No. - MAX16807

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16807AUI MAXIM-MAX16807AUI Datasheet
240Kb / 21P
Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807AUI+ MAXIM-MAX16807AUI+ Datasheet
295Kb / 21P
Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16807EVKIT MAXIM-MAX16807EVKIT Datasheet
211Kb / 14P
MAX16807 Evaluation Kit
Rev 0; 5/07
MAX16807EVKIT+ MAXIM-MAX16807EVKIT+ Datasheet
211Kb / 14P
MAX16807 Evaluation Kit
Rev 0; 5/07
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
More results

Similar Description - MAX16807

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16809 MAXIM-MAX16809_07 Datasheet
276Kb / 23P
Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16808 MAXIM-MAX16808 Datasheet
240Kb / 21P
Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com