Electronic Components Datasheet Search
  English  ▼

X  

MAX16807 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16807
Description  Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16807 Datasheet HTML 7Page - Maxim Integrated Products MAX16807 Datasheet HTML 8Page - Maxim Integrated Products MAX16807 Datasheet HTML 9Page - Maxim Integrated Products MAX16807 Datasheet HTML 10Page - Maxim Integrated Products MAX16807 Datasheet HTML 11Page - Maxim Integrated Products MAX16807 Datasheet HTML 12Page - Maxim Integrated Products MAX16807 Datasheet HTML 13Page - Maxim Integrated Products MAX16807 Datasheet HTML 14Page - Maxim Integrated Products MAX16807 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Integrated 8-Channel LED Driver with
Switch-Mode Boost and SEPIC Controller
______________________________________________________________________________________
11
Detailed Description
The MAX16807 LED driver includes an internal switch-
mode controller that can be used as boost or buck-
boost (SEPIC) converters to generate the voltage
necessary to drive the multiple strings of LEDs. This
device incorporates an integrated low-side driver, a
programmable oscillator (20kHz to 1MHz), an error
amplifier, a low-voltage (300mV) current sense for high-
er efficiency, and a 5V reference to power up external
circuitry (see Figures 1a, 1b, and 1c).
The MAX16807 LED driver includes a 4-wire serial
interface and a current-mode PWM controller to gener-
ate the necessary voltage for driving eight open-drain,
constant-current-sinking output ports. The driver uses
current-sensing feedback circuitry (not simple current
mirrors) to ensure very small current variations over the
full allowed range of output voltage (see the
Typical
Operating Characteristics). The 4-wire serial interface
comprises an 8-bit shift register and an 8-bit transpar-
ent latch. The shift register is written through a clock
input, CLK, and a data input, DIN, and the data propa-
gates to a data output, DOUT. The data output allows
multiple drivers to be cascaded and operated together.
The contents of the 8-bit shift register are loaded into
the transparent latch through a latch-enable input, LE.
The latch is transparent to the shift register outputs
when high and latches the current state on the falling
edge of LE. Each driver output is an open-drain, con-
stant-current sink that should be connected to the cath-
Pin Description
PIN
NAME
FUNCTION
1, 13, 28
N.C.
No Connection. Not internally connected. Leave unconnected.
2
AGND
Analog Ground
3
OUT
MOSFET Driver Output OUT. Connects to the gate of the external n-channel MOSFET.
4VCC
Power-Supply Input. Bypass VCC to AGND with a 0.1µF ceramic capacitor or a parallel combination
of a 0.1µF and a higher value ceramic capacitor.
5
REF
5V Reference Output. Bypass REF to AGND with a 0.1µF ceramic capacitor.
6–9
OUT4–OUT7
LED Driver Outputs. OUT4–OUT7 are open-drain, constant-current-sinking outputs rated for 36V.
10
OE
Active-Low Output Enable Input. Drive
OE low to PGND to enable the OUT0–OUT7. Drive OE high to
disable OUT0–OUT7.
11
DOUT
Serial-Data Output. Data is clocked out of the 8-bit internal shift register to DOUT on CLK’s rising
edge.
12
SET
LED Current Setting. Connect RSET from SET to PGND to set the LED current.
14
V+
LED Driver Positive Supply Voltage. Bypass V+ to PGND with a 0.1µF ceramic capacitor.
15, 16
PGND
Power Ground
17
DIN
Serial-Data Input
18
CLK
Serial-Clock Input
19
LE
Latch-Enable Input. Data is loaded transparently from the internal shift register(s) to the output
latch(es) while LE is high. Data is latched into the output latch(es) on LE’s falling edge, and retained
while LE is low.
20–23
OUT0–OUT3
LED Driver Outputs. OUT0–OUT3 are open-drain, constant-current-sinking outputs rated for 36V.
24
COMP
Error-Amplifier Output
25
FB
Error-Amplifier Inverting Input
26
CS
PWM Controller Current-Sense Input
27
RTCT
PWM Controller Timing Resistor/Capacitor Connection. A resistor RT from RTCT to REF and a
capacitor CT from RTCT to AGND set the oscillator frequency.
—EP
Exposed Paddle. Connect to the ground plane for improved power dissipation. Do not use as the
only ground connection for the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com