Electronic Components Datasheet Search
  English  ▼

X  

MAX16807 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16807
Description  Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16807 Datasheet HTML 1Page - Maxim Integrated Products MAX16807 Datasheet HTML 2Page - Maxim Integrated Products MAX16807 Datasheet HTML 3Page - Maxim Integrated Products MAX16807 Datasheet HTML 4Page - Maxim Integrated Products MAX16807 Datasheet HTML 5Page - Maxim Integrated Products MAX16807 Datasheet HTML 6Page - Maxim Integrated Products MAX16807 Datasheet HTML 7Page - Maxim Integrated Products MAX16807 Datasheet HTML 8Page - Maxim Integrated Products MAX16807 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Integrated 8-Channel LED Driver with
Switch-Mode Boost and SEPIC Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (PWM CONTROLLER)
(VCC = +15V, V+ = +3V to +5.5V referenced to PGND, RT = 10kΩ, CT = 3.3nF, REF = open, COMP = open, CREF = 0.1µF, VFB = 2V,
CS = AGND, VAGND = VPGND = 0V; all voltages are measured with respect to AGND, unless otherwise noted. TJ = TA = -40°C to
+125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to AGND..........................................................-0.3V to +30V
Current into VCC (VCC > 24V)...........................................±30mA
V+ to PGND..............................................................-0.3V to +6V
OUT to AGND.............................................-0.3V to (VCC + 0.3V)
OUT Current (10µs duration) .................................................±1A
FB, COMP, CS, RTCT, REF to AGND.......................-0.3V to +6V
COMP Sink Current.............................................................10mA
OUT0–OUT7 to PGND............................................-0.3V to +40V
DIN, CLK, LE, OE, SET to PGND..................-0.3V to (V+ + 0.3V)
DOUT Current...................................................................±10mA
OUT0–OUT7 Sink Current...................................................60mA
Total PGND Current ..........................................................480mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 27mW/°C* above +70°C) .......2162mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
*
Per JEDEC51 Standard (Multilayer Board).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
Output Voltage
VREF
IREF = 1mA, TJ = +25°C
4.95
5
5.05
V
Line Regulation
∆VLINE
12V< VCC < 25V, IREF = 1mA
0.4
4
mV
Load Regulation
∆VLOAD
1mA < IREF < 20mA
6
50
mV
Total Output-Voltage Variation
VREFT
(Note 2)
4.875
5.125
V
Output Noise Voltage
VNOISE
10Hz < f < 10kHz
50
µV
Output Short-Circuit Current
ISHORT
VREF = 0V
30
180
mA
OSCILLATOR
Initial Accuracy
TJ = +25°C
51
54
57
kHz
Voltage Stability
12V < VCC < 25V
0.2
0.5
%
Temperature Stability
1%
RTCT Ramp Peak-to-Peak
1.7
V
RTCT Ramp Valley
1.1
V
VRTCT = 2V, TJ = +25°C
7.9
8.3
8.7
Discharge Current
IDIS
VRTCT = 2V, -40
oC
≤ TJ ≤ +125°C
7.5
8.3
9.0
mA
Frequency Range
fOSC
20
1000
kHz
ERROR AMPLIFIER
FB Input Voltage
VFB
FB shorted to COMP
2.45
2.50
2.55
V
Input Bias Current
IB(FB)
-0.01
-0.1
µA
Open-Loop Gain
AVOL
2V
≤ VCOMP ≤ 4V
100
dB
Unity-Gain Bandwidth
fGBW
1
MHz
Power-Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V
60
80
dB
COMP Sink Current
ISINK
VFB = 2.7V, VCOMP = 1.1V
2
6
mA
COMP Source Current
ISOURCE
VFB = 2.3V, VCOMP = 5V
0.5
1.2
1.8
mA
COMP Output-Voltage High
VOH
VFB = 2.3V, RCOMP = 15k
Ω to AGND
5
5.8
V
COMP Output-Voltage Low
VOL
VFB = 2.7V, RCOMP = 15k
Ω to VREF
0.1
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com