Electronic Components Datasheet Search
  English  ▼

X  

MAX16807 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX16807
Description  Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX16807 Datasheet HTML 9Page - Maxim Integrated Products MAX16807 Datasheet HTML 10Page - Maxim Integrated Products MAX16807 Datasheet HTML 11Page - Maxim Integrated Products MAX16807 Datasheet HTML 12Page - Maxim Integrated Products MAX16807 Datasheet HTML 13Page - Maxim Integrated Products MAX16807 Datasheet HTML 14Page - Maxim Integrated Products MAX16807 Datasheet HTML 15Page - Maxim Integrated Products MAX16807 Datasheet HTML 16Page - Maxim Integrated Products MAX16807 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Switch-Mode Controller
Current-Mode Control Loop
The advantages of current-mode control over voltage-
mode control are twofold. First, there is the feed-for-
ward characteristic brought on by the controller’s ability
to adjust for variations in the input voltage on a cycle-
by-cycle basis. Second, the stability requirements of
the current-mode controller are reduced to that of a sin-
gle pole system unlike the double pole in the voltage-
mode control scheme. The MAX16807 uses a
current-mode control loop where the output of the error
amplifier is compared to the current-sense voltage
(VCS). When the current-sense signal is lower than the
inverting input of the CPWM comparator, the output of
the comparator is low and the switch is turned on at
each clock pulse. When the current-sense signal is
higher than the inverting input of the CPWM compara-
tor, the output is high and the switch is turned off.
Undervoltage Lockout (UVLO)
The turn-on supply voltage for the MAX16807 is 8.4V
(typ). Once VCC reaches 8.4V, the reference powers up.
There is a 0.8V of hysteresis from the turn-on voltage to
the UVLO threshold. Once VCC reaches 8.4V, the
MAX16807 operates with VCC down to 7.6V (typ). Once
VCC goes below 7.6V, the device is in UVLO. When in
UVLO, the quiescent supply current into VCC falls back
to 32µA (typ), and OUT and REF are pulled low.
MOSFET Driver
OUT drives an external n-channel MOSFET and swings
from AGND to VCC. Ensure that VCC remains below the
absolute maximum VGS rating of the external MOSFET.
OUT is a push-pull output with the on-resistance of the
pMOS typically 3.5
Ω and the on-resistance of the
nMOS typically 4.5
Ω. The driver can source 2A and
sink 1A typically. This allows for the MAX16807 to
quickly turn on and off high gate-charge MOSFETs.
Bypass VCC with one or more 0.1µF ceramic capacitors
to AGND, placed close to the VCC pin. The average
current sourced to drive the external MOSFET depends
on the total gate charge (QG) and operating frequency
of the converter. The power dissipation in the
MAX16807 is a function of the average output drive
current (IDRIVE). Use the following equation to calculate
the power dissipation in the device due to IDRIVE:
IDRIVE = (QG x fSW)
PD = (IDRIVE + ICC) x VCC
where ICC is the operating supply current. See the
Typical Operating Characteristics for the operating
supply current at a given frequency.
Error Amplifier
The MAX16807 includes an internal error amplifier. The
inverting input is at FB and the noninverting input is
internally connected to a 2.5V reference. Set the output
voltage using a resistive divider between output of the
converter VOUT, FB, and AGND. Use the following for-
mula to set the output voltage:
where VFB = 2.5V.
Oscillator
The oscillator frequency is programmable using an
external capacitor and a resistor at RTCT (see RT and
CT in the Typical Operating Circuits). RT is connected
from RTCT to the 5V reference (REF), and CT is con-
nected from RTCT to AGND. REF charges CT through
RT until its voltage reaches 2.8V. CT then discharges
through an 8.3mA internal current sink until CT’s voltage
reaches 1.1V, at which time CT is allowed to charge
through RT again. The oscillator’s period is the sum of
the charge and discharge times of CT. Calculate the
charge time as follows:
tC = 0.57 x RT x CT
where tC is in seconds, RT in ohms (Ω), and CT in
Farads (F).
The discharge time is then:
tD = (RT x CT x 1000) / [(4.88 x RT) - (1.8 x 1000)]
where tD is in seconds, RT in ohms (Ω), and CT in
Farads (F).
V
R
R
xV
OUT
FB
=+
⎛
⎝⎜
⎞
⎠⎟
1
1
2
V+
W/L
OUT_
68W/L
995R
REST
1.23
R
1.23V
PGND
SET
Figure 1c. OUT_ Driver Internal Diagram
Integrated 8-Channel LED Driver with
Switch-Mode Boost and SEPIC Controller
______________________________________________________________________________________
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com