Electronic Components Datasheet Search
  English  ▼

X  

TLC5970RHPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC5970RHPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5970RHPR Datasheet HTML 8Page - Texas Instruments TLC5970RHPR Datasheet HTML 9Page - Texas Instruments TLC5970RHPR Datasheet HTML 10Page - Texas Instruments TLC5970RHPR Datasheet HTML 11Page - Texas Instruments TLC5970RHPR Datasheet HTML 12Page - Texas Instruments TLC5970RHPR Datasheet HTML 13Page - Texas Instruments TLC5970RHPR Datasheet HTML 14Page - Texas Instruments TLC5970RHPR Datasheet HTML 15Page - Texas Instruments TLC5970RHPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
TLC5970
SBVS140 – MARCH 2010
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
NAME
DAP
RHP
I/O
DESCRIPTION
SDTA
12
6
I
Noninverting serial data input
SDTB
13
7
I
Inverting serial data input
Noninverting data shift clock input. All data in the Common Shift Register are shifted to the
MSB side by 1 bit and synchronized to the rising edge of the differential clock generated by
SCKA
15
9
I
SCKA and SCKB. The differential data made by SDTA and SDTB are shifted into the
Common Shift Register LSB at the same time.
Inverting data shift clock input. All data in the shift register are shifted to the MSB side by 1 bit
synchronized to the rising edge of the differential clock generated by SCKA and SCKB. The
SCKB
16
10
I
differential data made by SDTA and SDTB are shifted into the Common Shift Register LSB at
the same time.
SDTY
21
16
O
Noninverting serial data output
SDTZ
20
15
O
Inverting serial data output
SCKY
18
13
O
Noninverting serial data shift clock output
SCKZ
17
12
O
Inverting serial data shift clock output
Disable buck converter. When SWOFF is connected to VREG, the buck converter is not
operated and the OVP/SCP flag is not set even if the device is in an error condition. When
SWOFF
2
27
I
SWOFF is low, the buck converter is operated. This terminal is internally pulled down to GND
by approximately a 10 k
Ω resistor.
EEPROM writing power supply. When this pin level is 19 V, EEPROM can be programmed for
VROM
10
5
dot correction data. This pin must be open in normal operation. This terminal is pulled down to
GND by approximately a 10 k
Ω resistor internally.
IREF0
8
4
I/O
The resistors connected from IREF0, IREF1, and IREF2 to GND set the maximum sink current
IREF1
7
3
I/O
for OUT0, OUT1, and OUT2, respectively.
IREF2
6
2
I/O
OUT0
23
17
O
Constant-current sink output. Multiple outputs can be tied together to increase the
OUT1
24
18
O
constant-current capability.
OUT2
25
19
O
Internal regulator output. This pin requires a 0.01 µF decoupling capacitor to ground. This
VREG
3
28
O
output cannot be used for any other function and no current can be pulled from this output.
Internal regulator output for the differential interface circuit. This pin requires a 0.1 µF
VREGIF
4
1
O
decoupling capacitor. This output cannot be used for any other function and no current can be
pulled from this output.
Feedback voltage input for the converter and power-supply for differential signal interface
output and LED driver. Connect this pin to the dc/dc converter output voltage. The FB pin
FB
27
20
I
must not be opened, otherwise higher voltage than the absolute maximum voltage is
generated.
PH
30
22
O
Source of the high-side power MOSFET. Connected to an external inductor and diode.
Boost capacitor for the high-side power MOSFET gate driver. A capacitor is connected
BOOT
29
21
I/O
between BOOT and PH.
VCC
32
24
—
Power-supply voltage
GND
1
26
—
Power ground
5, 9, 11, 14,
No internal connection. These pins are not electrically connected to the IC. They should be
8, 11, 14,
NC
19, 22, 26,
soldered to the PCB. Connecting these pins to ground provides improved thermal
23, 25
28, 31
performance.
The DAP package thermal pad is electrically connected to ground inside the package. This
pad should be connected to the ground plane on the PCB for best thermal performance. It
does not need to be soldered to the PCB if thermal performance is not needed. This pad
cannot be connected to any other voltage other than ground. See the mechanical drawings at
Thermal
the end of this document for more information.
—
—
—
pad
The RHP package thermal pad is electrically connected to ground inside the package. This
pad must be connected to the ground plane on the PCB for best thermal performance and for
mechanical reasons. This pad cannot be connected to any other voltage other than ground.
See the mechanical drawings at the end of this document for more information.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com