Electronic Components Datasheet Search
  English  ▼

X  

TLC5970RHPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC5970RHPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC5970RHPR Datasheet HTML 15Page - Texas Instruments TLC5970RHPR Datasheet HTML 16Page - Texas Instruments TLC5970RHPR Datasheet HTML 17Page - Texas Instruments TLC5970RHPR Datasheet HTML 18Page - Texas Instruments TLC5970RHPR Datasheet HTML 19Page - Texas Instruments TLC5970RHPR Datasheet HTML 20Page - Texas Instruments TLC5970RHPR Datasheet HTML 21Page - Texas Instruments TLC5970RHPR Datasheet HTML 22Page - Texas Instruments TLC5970RHPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
100
10
1
0
10
20 30
40
150
I
,OutputCurrent(mA)
OLC
50 60
1
3.75
2.5
1.875
1.25
15
7.5
1.5
70 80
90 100 110 120 130 140
1.072
6000
5000
4000
3000
2000
1000
0
-40
-20
0
20
40
60
80
Free-AirTemperature( C)
°
100
TLC5970RHB
TLC5970DAP
PowerPADSoldered
TLC5970DAP
PowerPADNotSoldered
160
140
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
OutputVoltage(V)
I =150mA
O
I =120mA
O
I =100mA
O
I =80mA
O
I =60mA
O
I =10mA
O
T =+25 C,VCC=+24V
DC=7Fh,BC=7Fh
°
A
I =20mA
O
160
140
120
100
80
60
40
20
0
0
32
96
128
DotCorrectionData(dec)
T =+25 C
VCC=+24V
BC=7Fh
°
A
64
16
112
80
48
I =150mA
O
I =60mA
O
I =10mA
O
I =100mA
O
Time(12.5ns/div)
CH1(2V/div)
CH2(2V/div)
CH3(2V/div)
CH3-OUT1
C 2-OUT0
H
CH1-SCKA
(20MHz)
I
=150mA
DCn=BC=7Fh
GSn=001h
ExternalGSCLK
NoBuckConvMode
SCKA/SCKB=20MHz
OLCMax
CH4(2V/div)
CH4-OUT2
160
140
120
100
80
60
40
20
0
0
32
96
128
BrightnessControlData(dec)
T =+25 C
VCC=+24V
DC=7Fh
°
A
64
16
112
80
48
I =150mA
O
I =60mA
O
I =10mA
O
I =100mA
O
TLC5970
www.ti.com
SBVS140 – MARCH 2010
TYPICAL CHARACTERISTICS
Need conditions.
REFERENCE RESISTOR vs OUTPUT CURRENT
POWER DISSIPATION vs FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
OUTPUT CURRENT vs OUTPUT VOLTAGE
DOT CORRECTION LINEARITY
Figure 15.
Figure 16.
GLOBAL BRIGHTNESS LINEARITY
CONSTANT-CURRENT OUTPUT VOLTAGE WAVEFORM
Figure 17.
Figure 18.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com