Electronic Components Datasheet Search
  English  ▼

X  

BA6285FS Datasheet(PDF) 11 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 11 Page - Rohm

Back Button BA6285FS Datasheet HTML 7Page - Rohm BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm BA6285FS Datasheet HTML 10Page - Rohm BA6285FS Datasheet HTML 11Page - Rohm BA6285FS Datasheet HTML 12Page - Rohm BA6285FS Datasheet HTML 13Page - Rohm BA6285FS Datasheet HTML 14Page - Rohm BA6285FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Technical Note
11/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
External application components
1) Resistor for the current limitation, R1
This is a current limiting resistor for collector loss reduction and at the time of short-circuited output. It depends on the
power supply voltage used, etc., but choose resistance of about 5 to 10Ω. In addition, set resistance with utmost care
to voltage drop caused by inrush current that flows when the motor is started.
2) Resistors and zener diode for the output high voltage setting, R2, R3 and ZD
These are the resistors and zener diode used when output high voltage is set. As for the voltage, only ( VSAT + VF )
lower than the VREF pin voltage for BA6287F, BA6285FS and BA6285AFP-Y. (Reference values; VSAT ≈ 0.25V, VF ≈
0.75V) Zener diode ZD is recommended to be used instead of resistor R3 when the power supply voltage is unstable
for BA6956AN and BA6920FP-Y.
3) Stabilization capacitor for the power supply line, C1
Please connect the capacitor of 1μF to 100μF for the stabilization of the power supply line, and confirm the motor
operation.
4) Phase compensating capacitor, C2, C3
Noise is generated in output pins or oscillation results in accord with the set mounting state such as power supply
circuit, motor characteristics, PCB pattern artwork, etc. As noise oscillation measures, connect 0.01μF to 0.1μF
capacitors.
Functional descriptions
1) Operation modes
a) Stand-by mode
In stand-by mode, all output power transistors are turned off, and the motor output goes to high impedance.
b) Forward mode
This operating mode is defined as the forward rotation of the motor when the OUT1 pin is high and OUT2 pin is low.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT1 to OUT2.
c) Reverse mode
This operating mode is defined as the reverse rotation of the motor when the OUT1 pin is low and OUT2 pin is high.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT2 to OUT1.
d) Brake mode
This operating mode is used to quickly stop the motor (short circuit brake).
Note) Switching of rotating direction (FWD/REV)
When the rotating direction is changed over by the motor rotating condition, switch the direction after the motor is
temporarily brought to the BRAKE condition or OPEN condition. It is recommended to keep the relevant conditions
as follows:
via BRAKE: Longer than braking time*. (* the time required for the output L terminal to achieve potential below GND when brake is activated.)
via OPEN: The time longer than 1 ms is recommended.
Table 6 Logic table
IN1
IN2
OUT1
OUT2
Operation
L
L
OPEN*
OPEN*
Stop (idling)
H
L
H
L
Forward (OUT1 > OUT2)
L
H
L
H
Reverse (OUT1 < OUT2)
H
H
L
L
Brake (stop)
* OPEN is the off state of all output transistors. Please note that this is the state of the connected diodes, which differs from that of the mechanical relay.
** Output OUT1 and OUT2 become OPEN regardless of the input logic of FIN and RIN when switching to the power save mode with the POWERSAVE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com