Electronic Components Datasheet Search
  English  ▼

X  

BA6285FS Datasheet(PDF) 5 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 5 Page - Rohm

  BA6285FS Datasheet HTML 1Page - Rohm BA6285FS Datasheet HTML 2Page - Rohm BA6285FS Datasheet HTML 3Page - Rohm BA6285FS Datasheet HTML 4Page - Rohm BA6285FS Datasheet HTML 5Page - Rohm BA6285FS Datasheet HTML 6Page - Rohm BA6285FS Datasheet HTML 7Page - Rohm BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical Note
5/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data) - Continued
Fig.13 Output high voltage
Fig.14 Output high voltage
Fig.15 Output high voltage
(BA6285FS)
(BA6285AFP-Y)
(BA6920FP-Y)
Fig.16 Output low voltage
Fig.17 Output low voltage
Fig.18 Output low voltage
(BA6956AN)
(BA6287F)
(BA6285FS)
Fig.19 Output low voltage
Fig.20 Output low voltage
Fig.21 Thermal derating curve
(BA6285AFP-Y)
(BA6920FP-Y)
(SIP9)
Fig.22 Thermal derating curve
Fig.23 Thermal derating curve
Fig.24 Thermal derating curve
(SOP8)
(SSOP-A16)
(HSOP25)
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-40°C
7.0
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-30°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-40°C
0.0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-30°C
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i) 1.19W
i) Package only
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i) 0.563W
ii) 0.689W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
0
1
2
3
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i)0.85W
ii)1.45W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
ii) 0.813W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
i) 0.625W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com