Electronic Components Datasheet Search
  English  ▼

X  

BA6285FS Datasheet(PDF) 12 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 12 Page - Rohm

Back Button BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm BA6285FS Datasheet HTML 10Page - Rohm BA6285FS Datasheet HTML 11Page - Rohm BA6285FS Datasheet HTML 12Page - Rohm BA6285FS Datasheet HTML 13Page - Rohm BA6285FS Datasheet HTML 14Page - Rohm BA6285FS Datasheet HTML 15Page - Rohm BA6285FS Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Technical Note
12/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
2) Output high voltage setting
This function optionally sets output voltage by the output high voltage setting pin and controls the motor rotating speed.
However, when the output high voltage is set to a low level, consumption at IC increases. Carry out thermal design with
sufficient margin incorporated with the power dissipation (Pd) under the actual application condition taken into account.
a) BA6287F, BA6285FS, BA6285AFP-Y
The circuit diagram associated with the output high voltage setting VREF
pin is as per shown on the right. The output high and low voltages VOH and
VOL are expressed by:
VOH = VREF - ( VSAT(Q1) + VF(Q2) )
VOL = VSAT(Q3)
(Reference values; VSAT ≈ 0.15V, VF ≈ 0.7V)
In addition, the relation of VREF voltage to output voltage is expressed by:
( VSAT(Q1) + VF(Q2) ) < VREF < VM - VSAT(Q2) + VF(Q2) + VSAT(Q1)
Therefore, when the VREF voltage condition is as follows, the output high voltage is restricted.
VREF > VM - VSAT(Q2) + VSAT(Q1) + VF(Q2)
VOH = VM - VSAT(Q2)
b) BA6956AN, BA6920FP-Y
The circuit diagram associated with the output high
voltage setting VREF pin is as per shown on the right.
The output high and low voltages VOH and VOL are
expressed by:
VOH = VREF + ( VF(Q5) + VF(Q4) ) - ( VF(Q2) + VF(Q3) )
VOH ≈ VREF
VOL = VSAT(Q6) (BA6956AN)
VOL = VSAT(Q7) + VF(Q6) (BA6920FP-Y)
(Reference values; VSAT ≈ 0.15V, VF ≈ 0.7V)
The output high voltage controllable range is expressed by:
VREF < VCC - VSAT(Q1) - VF(Q4) - VF(Q5)
VREF < VM - ( VSAT(Q2) + VF(Q3) ) + ( VF(Q2) + VF(Q3)) - ( VF(Q4) + VF(Q5) ) (BA6956AN)
VREF < VM - VSAT(Q3) + ( VF(Q2) + VF(Q3)) - ( VF(Q4) + VF(Q5) ) (BA6920FP-Y)
When the VREF voltage condition is as follows, the output high voltage is restricted.
VREF > VCC - VSAT(Q1) - VF(Q4) - VF(Q5)
VREF > VM - ( VSAT(Q2) + VF(Q3) ) + ( VF(Q2) + VF(Q3)) - ( VF(Q4) + VF(Q5) ) (BA6956AN)
VREF > VM - VSAT(Q3) + ( VF(Q2) + VF(Q3)) - ( VF(Q4) + VF(Q5) ) (BA6920FP-Y)
VOH = VCC - VSAT(Q1) - VF(Q2) - VF(Q3)
VOH = VM - VSAT(Q2) - VF(Q3) (BA6956AN)
VOH = VM - VSAT(Q3) (BA6920FP-Y)
VREF
VM
OUT
RNF
(GND, BA6287F)
Q1
Q2
Q3
Fig.35 BA6287F, BD6285FS, BA6285AFP-Y
VM
VCC
OUT
RNF
VREF
Q1
Q2
Q3
Q4
Q5
Q6
Q7
VM
VCC
OUT
RNF
VREF
Q1
Q2
Q3
Q4
Q5
Q6
Fig.36 BA6956AN
Fig.37 BA6920FP-Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com