Electronic Components Datasheet Search
  English  ▼

X  

BA6285FS Datasheet(PDF) 15 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 15 Page - Rohm

Back Button BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm BA6285FS Datasheet HTML 10Page - Rohm BA6285FS Datasheet HTML 11Page - Rohm BA6285FS Datasheet HTML 12Page - Rohm BA6285FS Datasheet HTML 13Page - Rohm BA6285FS Datasheet HTML 14Page - Rohm BA6285FS Datasheet HTML 15Page - Rohm BA6285FS Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Technical Note
15/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
HSOP25
(Unit:mm)
<Dimension>
2.75
± 0.1
1.95
± 0.1
25
14
1
13
0.36
± 0.1
0.25
± 0.1
13.6
± 0.2
0.8
0.1
Tape
Quantity
Direction
of feed
Embossed carrier tape
2000pcs
(Holding the reel with the left hand and pulling the tape out with the right,
pin 1 will be on the upper left-hand side.)
<Tape and reel information>
E2
Reel
1Pin
Direction of feed
*Orders should be placed in multiples of package quantity.
6.6
±0.2
0.36
±0.1
1
16
8
9
0.8
0.15
±0.1
0.1
SSOP-A16
(Unit:mm)
<Dimension>
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
(Holding the reel with the left hand and pulling the tape out with the right,
pin 1 will be on the upper left-hand side.)
<Tape and reel information>
E2
Reel
1Pin
Direction of feed
*Orders should be placed in multiples of package quantity.
SOP8
(Unit:mm)
<Dimension>
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
(Holding the reel with the left hand and pulling the tape out with the right,
pin 1 will be on the upper left-hand side.)
<Tape and reel information>
E2
Reel
1Pin
Direction of feed
*Orders should be placed in multiples of package quantity.
2.54
1
0.6
9
0.3
± 0.1
0.8
1.3
21.8
± 0.2
2.8
± 0.2
SIP9
(Unit:mm)
<Dimension>
Container
Quantity
Direction
of feed
Tube
1000pcs
<Tape and reel information>
Direction of products is fixed in a container tube.
*Orders should be placed in multiples of package quantity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com