Electronic Components Datasheet Search
  English  ▼

X  

BA7657F Datasheet(PDF) 2 Page - Rohm

Part # BA7657F
Description  Broadband Triple Circuits Video Signal Switchers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657F Datasheet(HTML) 2 Page - Rohm

  BA7657F Datasheet HTML 1Page - Rohm BA7657F Datasheet HTML 2Page - Rohm BA7657F Datasheet HTML 3Page - Rohm BA7657F Datasheet HTML 4Page - Rohm BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/16
●Electrical characteristics (1/2)
BA7657S/F
(
Unless otherwise noted, Ta=25℃, Vcc=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
ICC
20
35
50
mA
〈
Analog SW block〉
Maximum output level
Vom
2.8
―
―
VP-P
f=1kHz
Voltage gain
GV
-1.0
-0.5
0
dB
f=1MHz,VIN=1VP-P
Input pin voltage gain differential
△
GVl
-0.2
0
0.2
dB
f=1MHz,VIN=1VP-P
Inter block voltage gain differential
GVB
-0.2
0
0.2
dB
f=1MHz,VIN=1VP-P
Input pin cross talk1
CTI1
―
-50
-40
dB
f=10MHz,VIN=1VP-P
Interblock crosstalk1
CTB1
―
-50
-40
dB
f=10MHz,VIN=1VP-P
〈
Digital SW block〉
“H” level input voltage
VIH
1.8
―
―
V
“L” level input voltage
VIL
―
―
1.2
V
“H” level input current
IIH
80
100
130
μ
A
VIN=5.0V
“L” level input current
IIL
-3
-1
―
μ
A
VIN=0V
Rise time
TR
―
30
50
ns
Fall time
TF
―
30
50
ns
Rise delay time
TRD
―
50
80
ns
Fall delay time
TFD
―
30
50
ns
“H”
level output voltage
VOH
3.0
3.7
―
V
“L”
level output voltage
VOL
―
0.2
0.4
V
“H”
level output current
IOH
-400
―
―
μ
A
“L”
level output current
IOL
5
―
―
mA
〈
Synchronization signal separation block〉
Minimum SYNC separation level
VSMin.
-50
―
50
mVP-P
“H”
level output voltage
VOH
4.5
5.0
―
V
“L”
level output voltage
VOL
―
0.2
0.5
V
“L”
level output current
IOL
2
―
―
mA
Rise time
TR
―
80
130
ns
Fall time
TF
―
30
80
ns
Rise delay time
TRD
―
100
150
ns
Fall delay time
TFD
―
100
150
ns
〈
Control block〉
“H”
level input voltage
VIH
1.8
―
―
V
“L”
level input voltage
VIL
―
―
1.2
V
“H”
level input current
IIH
80
100
130
μ
A
“L”
level input current
IIL
-3
-1
―
μ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com