Electronic Components Datasheet Search
  English  ▼

X  

BA7657F Datasheet(PDF) 3 Page - Rohm

Part # BA7657F
Description  Broadband Triple Circuits Video Signal Switchers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657F Datasheet(HTML) 3 Page - Rohm

  BA7657F Datasheet HTML 1Page - Rohm BA7657F Datasheet HTML 2Page - Rohm BA7657F Datasheet HTML 3Page - Rohm BA7657F Datasheet HTML 4Page - Rohm BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
●Electrical characteristics (2/2)
BA7657S/F
Guaranteed design parameters
(
Unless otherwise noted, Ta=25℃, Vcc=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
〈
Analog SW block〉
Input pin cross talk 2
CTI2
―
-30
-15
dB
f=230kHz, VIN=1VP-P
Interblock cross talk 2
CTB2
―
-30
-15
dB
f=230MHz,VIN=1VP-P
Frequency characteristic
Gf
-6
-3
-1
dB
f=1MHz/230MHz, VIN=1VP-P
Input pin frequency differential
△
Gfl
-1
0
+1
dB
f=1MHz/100MHz, VIN=1VP-P
Interblock frequency
characteristic differential
△
GfB
-1
0
+1
dB
f=1MHz/100MHz, VIN=1VP-P
〈
SYNC separation block〉
SYNC separation frequency
fH-R
200
―
―
kHz
Input waveform ※1
SYNC separation pulse width 1
pwH1
3.0
―
―
μ
S
Input waveform ※2 fH=20kHz
SYNC separation pulse width 2
pwH2
0.5
―
―
μ
S
Input waveform ※2 fH=100kHz
SYNC separation pulse width 3
pwH3
0.3
―
―
μ
S
Input waveform ※2 fH=200kHz
SYNC separation level 1
VS1
300
―
―
μ
S
Input waveform ※3 fH=20kHz
SYNC separation level 2
VS2
100
―
―
μ
S
Input waveform ※3 fH=100kHz
SYNC separation level 3
VS3
60
―
―
μ
S
Input waveform ※3 fH=200kHz
〈
Input waveform〉
※
1 VS and pwH are variable. VS and pwH are inter-related. See the characteristics diagram.
※
2 VS = 130 mW and pwH are variable.
※
3 pwH = 1 µs and VS are variable.
Period of horizontal synchronization signal
DUTY 25%
(1H)
Vs=130mV
pwH=1μs
Vr=0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com