Electronic Components Datasheet Search
  English  ▼

X  

BA7657F Datasheet(PDF) 6 Page - Rohm

Part # BA7657F
Description  Broadband Triple Circuits Video Signal Switchers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657F Datasheet(HTML) 6 Page - Rohm

Back Button BA7657F Datasheet HTML 2Page - Rohm BA7657F Datasheet HTML 3Page - Rohm BA7657F Datasheet HTML 4Page - Rohm BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm BA7657F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
●Pin descriptions (2/2)
BA7657S/F
Pin No.
Pin name
Reference
potential
Equivalent circuit
Function
18
Composite Video
input
2.5V
Input pin for composite signal
(Sync on Green).
2
HD Sync
Signal detector
-
This pin is used to detect
whether or not the HD signal is
being input.
When the HD signal is being
input, the synchronization
signal separation circuit is
stopped.
17
Composite sync
output
-
Synchronization signal output
pin
Synchronization separation is
performed for the input signal
from pin 18 if the HD signal is
not being input.
20
VCC
5V
-
Insert a decoupling capacitor
near the pin.
4
6
8
GND
0V
-
Use as large a GND pattern
area as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com