Electronic Components Datasheet Search
  English  ▼

X  

BA7657F Datasheet(PDF) 5 Page - Rohm

Part # BA7657F
Description  Broadband Triple Circuits Video Signal Switchers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657F Datasheet(HTML) 5 Page - Rohm

  BA7657F Datasheet HTML 1Page - Rohm BA7657F Datasheet HTML 2Page - Rohm BA7657F Datasheet HTML 3Page - Rohm BA7657F Datasheet HTML 4Page - Rohm BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/16
●Pin descriptions (1/2)
BA7657S/F
Pin No.
Pin name
Reference
potential
Equivalent circuit
Function
1
3
5
7
9
11
Red1 Input
Green1 Input
Blue1 Input
Red2 Input
Green2 Input
Blue2 Input
3.7V
when selected
0V
when not
selected
2-channel switching of R,
G, and B signals.
Select between:
CTL: H input1
CTL: L
15
19
21
Blue output
Green output
Red output
2.0V
Output pins for RGB signals.
Insert resistance from 100 to
300 Ω near the pins to
suppress f peaks at high
frequencies.
16
Control
H≧1.8V
L≦1.2V
CTL pins
Select between:
CTL: H input1
CTL: L
12
13
23
24
VD1 input
VD2 input
HD2 input
HD1 input
H≧1.8V
L≦1.2V
2-channel switching of VD
and HD signals.
Select between:
CTL: H input1
CTL: L
14
22
VD output
HD output
VOH≧3.0V
VOL≦10.5V
Output pins for vertical
synchronization signal (VD)
And horizontal
synchronization signal (HD).
1k
Vc c
50k
35k
15k
100
6.8k
21k
1k
Vc c
Vcc
50
400
5mA
input2
input2
input2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com