Electronic Components Datasheet Search
  English  ▼

X  

BD8907F Datasheet(PDF) 13 Page - Rohm

Part # BD8907F
Description  IC card interface ICs with Built-in DC / DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8907F Datasheet(HTML) 13 Page - Rohm

Back Button BD8907F Datasheet HTML 8Page - Rohm BD8907F Datasheet HTML 9Page - Rohm BD8907F Datasheet HTML 10Page - Rohm BD8907F Datasheet HTML 11Page - Rohm BD8907F Datasheet HTML 12Page - Rohm BD8907F Datasheet HTML 13Page - Rohm BD8907F Datasheet HTML 14Page - Rohm BD8907F Datasheet HTML 15Page - Rohm BD8907F Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV, BD8907F
Technical Note
13/15
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
CLKDIV1
CLKDIV2
VSEL
PGND
S2
VDDP
S1
VCH
PRESB
PRES
IO
AUX2
AUX1
CGND
AUX2C
AUX1C
IOC
XTAL2
XTAL1
OFFB
GND
VDD
RSTIN
CMDVCCB
PORADJ (TEST: BD8906F/FV, BD8907F)
VREG
RST
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
15pF
15pF
100nF
+3.3V
CONTROLLER
+3.3V
100nF
+5.0V
100nF
C1
C2
C3
C4
C5
C6
C7
C8
K1
K2
CARD
CONNECTION
100nF
100nF
58.1KΩ
41.9KΩ
VDD
VDD
100KΩ
0.22uF
220Ω
●
Application examples
Fig. 13
* Pin 18 on BD8906F/FV, BD8907F is
normally open. When PORADJ is not used
with BD8904F/FV,BD8905F, pull it up to
VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com