Electronic Components Datasheet Search
  English  ▼

X  

BD8907F Datasheet(PDF) 8 Page - Rohm

Part # BD8907F
Description  IC card interface ICs with Built-in DC / DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8907F Datasheet(HTML) 8 Page - Rohm

Back Button BD8907F Datasheet HTML 4Page - Rohm BD8907F Datasheet HTML 5Page - Rohm BD8907F Datasheet HTML 6Page - Rohm BD8907F Datasheet HTML 7Page - Rohm BD8907F Datasheet HTML 8Page - Rohm BD8907F Datasheet HTML 9Page - Rohm BD8907F Datasheet HTML 10Page - Rohm BD8907F Datasheet HTML 11Page - Rohm BD8907F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV, BD8907F
Technical Note
8/15
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Function
1) Power Supply
Power supply pins are VDD and VDDP. Set VDD at the same voltage as the signal from the system controller.
VDDP and PGND are the power source and GND for the charge pump circuit, respectively, and the power source for the card.
The VSEL pin setting determines the supply voltage of 3V (VSEL: L) or 5V (VSEL: H) from the VREG pin to the card.
2) VDD input voltage detector
By connecting the resistance bridge (R1, R2: Fig. 3) to the PORADJ pin, you can set the VDD supply voltage detector
(V
DETR, VDETF: Fig.5). Approximately 16ms (BD8904F/FV, BD8905F) or 8ms (BD8906F/FV, BD8907F) after VDD voltage
becomes higher than VDETR (internal reset), power-on reset (alarm) will be cancelled and the IC will go into sleep mode
until the CMDVCCB signal turns from H to L.
The IC will initiate the shutdown sequence toward the card contact pin if VDD voltage is decreased below VDETF.
◆
Calculating resistance bridge R1 and R2 for supply voltage detector
(Applicable to BD8904F, BD8904FV and BD8905F; excludes BD8906F, BD8906FV and BD8907F)
The following equations can be used to calculate the alarm reset voltage (V
DETR) and low voltage detection voltage (VDETF):
Please ensure that V
DETF is set at over 2.3V.
PORADJ pin voltage at VDD startup:
VDD
THR
PORADJ pin voltage at VDD shutdown:
VDD
THF
THR
DETR
VDD
1
R2
R1
V
THF
DETF
VDD
1
R2
R1
V
tw = (BD8904F/FV, BD8905F): 16ms, (BD8906F/FV, BD8907F): 8ms
Fig. 6 VDD Input Voltage Detection
3) Operation sequence
3-1) Wait mode
When VDD voltage becomes higher than V
DTER, power-on reset (alarm) is released and the IC will be in wait mode until
the CMDVCCB signal turns from H to L.
In this mode, the VDD supply voltage detector (VDET), thermal shutdown circuit (TSD), reference circuit (VREF),
crystal oscillation circuit (XT OSC) and internal oscillator circuit (OSC) are activated.
IOC, AUX1C and AUX2C are pulled up to VDD with an 11kΩ resistor and all the card contact pins are at Lo level.
3-2) Card insertion
Card presence is detected by PRES pin or PRESB pin. When either of the PRES pin or PRESB pin is active, a card is
assumed to be present.
Table 1
PRES
“High” active
PRESB
“Lo” active
When a card is present in sleep mode, either one of the card presence identification pins, PRES (“H” active) or
PRESB (“L” active) becomes active. OFFB will become “H” after approximately 8ms (debounce time).
If a card is present before the VDD power source is applied and the internal reset is released, it is internally reset and
OFFB becomes “H” after the debounce time.
The PRES pin is pulled down to GND with a 2MΩ resistor and the PRESB pin is pulled up to VDD with a 2MΩ resistor.
t
W
t
W
V
th2+Vhys2
V
th2
V
DD
ALARM
(internal signal)
パワーオン
電源ドロップ
パワーオフ
Power ON
Input power drop
Power OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com