Electronic Components Datasheet Search
  English  ▼

X  

BD8907F Datasheet(PDF) 2 Page - Rohm

Part # BD8907F
Description  IC card interface ICs with Built-in DC / DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8907F Datasheet(HTML) 2 Page - Rohm

  BD8907F Datasheet HTML 1Page - Rohm BD8907F Datasheet HTML 2Page - Rohm BD8907F Datasheet HTML 3Page - Rohm BD8907F Datasheet HTML 4Page - Rohm BD8907F Datasheet HTML 5Page - Rohm BD8907F Datasheet HTML 6Page - Rohm BD8907F Datasheet HTML 7Page - Rohm BD8907F Datasheet HTML 8Page - Rohm BD8907F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV, BD8907F
Technical Note
2/15
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
80
100
120
140
160
Ta [℃]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-40
-20
0
20
40
60
80
100
120
140
160
Ta [℃]
●
Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Note
VDD Input Voltage
V
DD
-0.3 - 6.5
V
VDDP Input Voltage
V
DDP
-0.3 - 6.5
V
I/O Pin Voltage
V
IN
V
OUT
-0.3 - +6.5
V
Pin : XTAL1, XTAL2, VSEL, RSTIN, AUX1C, AUX2C, IOC,
CLKDIV1, CLKDIV2, CMDVCCB, OFFB, PORADJ, S2
Card Contact Pin Voltage
V
REG
-0.3 - +6.5
V
Pin : PRES, PRESB, CLK, RST, IO, AUX1, AUX2
Charge Pump Pin Voltage
V
n
-0.3 - +14.0
V
Pin : VCH, S1
Junction Temperature
T
jmax
+150
°C
Storage Temperature
T
stg
-55 - +150
°C
Power
Dissipation
BD8904F
P
tot
750
mW
Ta=-40 - +85°C
* Refer to the following package power
dissipation
BD8905F
Ta=-25 - +85°C
BD8906F
Ta=-25 - +85°C
BD8907F
Ta=-40 - +85°C
BD8904FV
1060
Ta=-40 - +85°C
BD8906FV
Ta=-25 - +85°C
•
This product is not designed to be radiation tolerant.
•
Absolute maximum ratings are not meant for guarantee of operation.
●
Operating Conditions
Parameter
Symbol
Limits
Unit
Note
MIN TYP MAX
Operating temperature
T
opr
-40
-
+85
°C
BD8904F, BD8904FV, BD8907F
-25
-
+85
°C
BD8905F,BD8906F, BD8906FV
VDD Input Voltage
V
DD
2.7
-
5.5
V
BD8904F, BD8904FV, BD8905F
3.0
-
5.5
V
BD8906F,BD8906FV, BD8907F
VDDP Input Voltage
V
DDP
4.5
5.0
5.5
V
VREG=5V; Ivreg ≤ 60mA
3.0
-
4.5
V
VREG=5V; Ivreg ≤ 20mA, Except BD8904FV
3.1
-
4.5
V
VREG=5V; Ivreg ≤ 25mA, Application to BD8904FV
3.0
-
3.1
V
VREG=5V; Ivreg ≤ 20mA, Application to BD8904FV
3.0
5.0
5.5
V
VREG=3V; Ivreg ≤ 60mA
●
Package Power Dissipation
The power dissipation of the package will be as follows in case that ROHM standard PCB is used.
Use of this device beyond the following the power dissipation may cause permanent damage.
BD8904F, BD8905F, BD8906F, BD8907F: Pd=750mW;
however, reduce 6mW per 1°C when used Ta≥25°C.
BD8904FV, BD8906FV
: Pd=1060mW;
however, reduce
8.5mW per 1°C when used Ta≥25°C.
ROHM standard PCB: Size: 70×70×1.6 (mm
3), Material: FR4 glass epoxy board (copper plate area of 3% or less)
Fig. 1 Power Dissipation of
BD8904F, BD8905F, BD8906F, BD8907F
Fig. 2 Power Dissipation
of BD8904FV, BD8906FV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com