Electronic Components Datasheet Search
  English  ▼

X  

BD8907F Datasheet(PDF) 4 Page - Rohm

Part # BD8907F
Description  IC card interface ICs with Built-in DC / DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8907F Datasheet(HTML) 4 Page - Rohm

  BD8907F Datasheet HTML 1Page - Rohm BD8907F Datasheet HTML 2Page - Rohm BD8907F Datasheet HTML 3Page - Rohm BD8907F Datasheet HTML 4Page - Rohm BD8907F Datasheet HTML 5Page - Rohm BD8907F Datasheet HTML 6Page - Rohm BD8907F Datasheet HTML 7Page - Rohm BD8907F Datasheet HTML 8Page - Rohm BD8907F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV, BD8907F
Technical Note
4/15
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Pin Description
Pin No.
Pin Name
I/O
Signal Level
Pin Function
1
CLKDIV1
I
VDD
Clock frequency selection input 1
2
CLKDIV2
I
VDD
Clock frequency selection input 2
3
VSEL
I
VDD
Card supply voltage selection input; “H”: VREG=5V, “L”: VREG=3V
4
PGND
S
GND
GND for charge pump
5
S2
I/O
-
Capacitor connection for charge pump
(between S1/S2): C = 100nF (ESR < 100mΩ)
6
VDDP
S
VDDP
Power supply for charge pump
7
S1
I/O
-
Capacitor connection for charge pump
(between S1/S2): C = 100nF (ESR < 100mΩ)
8
VCH
I/O
-
Charge pump output: Decoupling capacitor;
Connect C = 100nF (ESR < 100mΩ) between VCH and PGND
9
PRESB
I
VDD
Card presence contact input (active “L”)
When PRES or PRESB is active, the card is considered ‘present’ and a
built-in debounce feature of 8ms (typ.) is activated.
Pulled up to VDD with a 2MΩ resistor.
10
PRES
I
VDD
Card presence contact input (active “H”)
When PRES or PRESB is active, the card is considered ‘present’ and a
built-in debounce feature of 8ms (typ.) is activated.
Pulled down to GND with a 2MΩresistor.
11
IO
I/O
VREG
Card contact I/O data line; Pulled up to VREG with a 11kΩ resistor
12
AUX2
I/O
VREG
Card contact I/O data line; Pulled up to VREG with a 11kΩ resistor
13
AUX1
I/O
VREG
Card contact I/O data line; Pulled up to VREG with a 11kΩ resistor
14
CGND
S
GND
GND
15
CLK
O
VREG
Card clock output
16
RST
O
VREG
Card reset output
17
VREG
O
VREG
Card supply voltage; Connect a capacitor (ESR < 100mΩ) of 100nF -
220nF between VREG and CGND
18
(BD8904F)
(BD8904FV)
(BD8905F)
PORADJ
I
-
Power-on reset threshold adjustment voltage input ; set with an external
resistor bridge
18
(BD8906F)
(BD8906FV)
(BD8907F)
TEST
Normally used OPEN. Input voltage range: 0V - VDD voltage
Can also be used at VDD or GND potential.
19
CMDVCCB
I
VDD
Activation sequence command input; The activation sequence starts by
signal input (H→L) from the host
20
RSTIN
I
VDD
Card reset signal input
21
VDD
S
VDD
Input power source pin
22
GND
S
GND
GND
23
OFFB
O
VDD
Alarm output pin (active “L”)
NMOS output pulled up to VDD with a 20kΩ resistor
24
XTAL1
I
VDD
Crystal connection or input for external clock
25
XTAL2
O
VDD
Crystal connection (leave open pin when external clock source is used)
26
IOC
I/O
VDD
Host data I/O line; Pulled up to VDD with a 11kΩ resistor
27
AUX1C
I/O
VDD
Host data I/O line; Pulled up to VDD with a 11kΩ resistor
28
AUX2C
I/O
VDD
Host data I/O line; Pulled up to VDD with a 11kΩ resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com