Electronic Components Datasheet Search
  English  ▼

X  

AP5100 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP5100
Description  1.2A Step-Down Converter with 1.4MHz Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5100 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP5100 Datasheet HTML 1Page - Diodes Incorporated AP5100 Datasheet HTML 2Page - Diodes Incorporated AP5100 Datasheet HTML 3Page - Diodes Incorporated AP5100 Datasheet HTML 4Page - Diodes Incorporated AP5100 Datasheet HTML 5Page - Diodes Incorporated AP5100 Datasheet HTML 6Page - Diodes Incorporated AP5100 Datasheet HTML 7Page - Diodes Incorporated AP5100 Datasheet HTML 8Page - Diodes Incorporated AP5100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP5100
1.2A Step-Down Converter with 1.4MHz Switching
Frequency
AP5100
5 of 12
MARCH 2010
Document number: DS32130 Rev. 1 - 2
www.diodes.com
© Diodes Incorporated
Recommended Operating Ratings
(Note 5)
Symbol
Description
Rating
Unit
VIN
Supply Voltage
4.75 to 24
°C
TA
Operating Ambient Temperature Range
-25 to +85
°C
VOUT
Output Voltage
0.81 to 15
V
Notes:
5. The device function is not guaranteed outside of the recommended operating conditions.
Electrical Characteristics ( V
IN = 12V, TA = +25°C, unless otherwise noted)
Notes:
6. Guaranteed by design.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VFB
Feedback Voltage
4.75V
≤ V
IN ≤ 24V
0.790
0.810
0.830
V
IFB
Feedback Current
VFB = 0.8V
0.1
µA
RDS(ON)
Switch-On Resistance (Note 6)
0.35
Ω
Switch Leakage
VEN = 0V, VSW = 0V
10
µA
Current Limit (Note 6)
2.4
A
fSW
Oscillator Frequency
VFB = 0.6V
1.1
1.4
1.7
MHz
Fold-back Frequency
VFB = 0V
480
kHz
Maximum Duty Cycle
VFB = 0.6V
87
%
tON
Minimum On-Time (Note 6)
100
ns
Under Voltage Lockout Threshold
Rising
3.8
4.0
4.2
V
Under Voltage Lockout Threshold
Hysteresis
150
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.2
V
EN Input Current
VEN = 2V
0.3
µA
VEN = 0V
0.1
IS
Supply Current (Shutdown)
VEN = 0V
0.1
1.0
µA
IQ
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
0.4
1.0
mA
Thermal Shutdown (Note 6)
140
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com