Electronic Components Datasheet Search
  English  ▼

X  

AP5100 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP5100
Description  1.2A Step-Down Converter with 1.4MHz Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5100 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP5100 Datasheet HTML 4Page - Diodes Incorporated AP5100 Datasheet HTML 5Page - Diodes Incorporated AP5100 Datasheet HTML 6Page - Diodes Incorporated AP5100 Datasheet HTML 7Page - Diodes Incorporated AP5100 Datasheet HTML 8Page - Diodes Incorporated AP5100 Datasheet HTML 9Page - Diodes Incorporated AP5100 Datasheet HTML 10Page - Diodes Incorporated AP5100 Datasheet HTML 11Page - Diodes Incorporated AP5100 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP5100
1.2A Step-Down Converter with 1.4MHz Switching
Frequency
AP5100
10 of 12
MARCH 2010
Document number: DS32130 Rev. 1 - 2
www.diodes.com
© Diodes Incorporated
2
OUT
V
2
)
OUT
V
V
(
Δ
2
)
2
inductor
ΔI
OUT
L(I
o
C
−
+
+
=
Where
ΔV is the maximum output voltage overshoot.
ESR of the output capacitor dominates the output
voltage ripple. The amount of ripple can be calculated
from the equation below:
ESR
inductor
ΔI
capacitor
Vout
×
=
An output capacitor with ample capacitance and low
ESR is the best option. For most applications, a 22µF
ceramic capacitor will be sufficient.
External Diode
The external diode’s forward current must not exceed the
maximum output current. Since power dissipation is a
critical factor when choosing a diode, it can be calculated
from the equation below:
0.3V
out
I
)
IN
V
OUT
V
(1
diode
P
×
×
−
=
Note: 0.3V is the voltage drop across the schottky diode.
A diode that can withstand this power dissipation must
be chosen.
PC Board Layout
This is a high switching frequency converter. Hence
attention must be paid to the switching currents
interference in the layout. Switching current from one
power device to another can generate voltage transients
across the impedances of the interconnecting bond wires
and circuit traces. These interconnecting impedances
should be minimized by using wide, short printed circuit
traces. The input capacitor needs to be as close as
possible to the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
External Bootstrap Diode
It is recommended that an external bootstrap diode be
added when the input voltage is no greater than 5V or the
5V rail is available in the system. This helps improve the
efficiency of the regulator. The bootstrap diode can be a
low cost one such as IN4148 or BAT54.
AP5100
BST
SW
10nF
BOOST
DIODE
5V
1
6
Figure 5.
External Bootstrap Diode
Application Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com