Electronic Components Datasheet Search
  English  ▼

X  

AP5100 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP5100
Description  1.2A Step-Down Converter with 1.4MHz Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5100 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP5100 Datasheet HTML 4Page - Diodes Incorporated AP5100 Datasheet HTML 5Page - Diodes Incorporated AP5100 Datasheet HTML 6Page - Diodes Incorporated AP5100 Datasheet HTML 7Page - Diodes Incorporated AP5100 Datasheet HTML 8Page - Diodes Incorporated AP5100 Datasheet HTML 9Page - Diodes Incorporated AP5100 Datasheet HTML 10Page - Diodes Incorporated AP5100 Datasheet HTML 11Page - Diodes Incorporated AP5100 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP5100
1.2A Step-Down Converter with 1.4MHz Switching
Frequency
AP5100
9 of 12
MARCH 2010
Document number: DS32130 Rev. 1 - 2
www.diodes.com
© Diodes Incorporated
Application Information (Continued)
Setting the Output Voltage
The output voltage can be adjusted from 0.81V to 15V
using an external resistor divider. Table 1 shows a list of
resistor selection for common output voltages. Resistor
R1 is selected based on a design tradeoff between
efficiency and output voltage accuracy. For high values
of R1 there is less current consumption in the feedback
network. However the trade off is output voltage
accuracy due to the bias current in the error amplifier. R2
can be determined by the following equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
1
0.81
OUT
V
2
R
1
R
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
80.6 (1%)
64.9 (1%)
2.5
49.9 (1%)
23.7 (1%)
3.3
49.9 (1%)
16.2 (1%)
5
49.9 (1%)
9.53 (1%)
Table 1. Resistor Selection for Common
Output Voltages
Inductor
Calculating the inductor value is a critical factor in
designing a buck converter. For most designs, the
following equation can be used to calculate the inductor
value;
SW
f
L
ΔI
IN
V
)
OUT
V
IN
(V
OUT
V
L
×
×
−
×
=
Where
L
ΔI is the inductor ripple current.
And SW
f
is the buck converter switching frequency.
Choose the inductor ripple current to be 30% of the
maximum load current. The maximum inductor peak
current is calculated from:
2
L
ΔI
LOAD
I
L(MAX)
I
+
=
Peak current determines the required saturation current
rating, which influences the size of the inductor.
Saturating
the
inductor
decreases
the
converter
efficiency while increasing the temperatures of the
inductor, the MOSFET and the diode. Hence choosing
an inductor with appropriate saturation current rating is
important.
A 1µH to 10µH inductor with a DC current rating of at
least 25% percent higher than the maximum load current
is recommended for most applications.
For highest efficiency, the inductor’s DC resistance
should be less than 200m
Ω. Use a larger inductance
for improved efficiency under light load conditions.
Input Capacitor
The input capacitor reduces the surge current drawn
from the input supply and the switching noise from the
device. The input capacitor has to sustain the ripple
current produced during the on time on the upper
MOSFET. It must hence have a low ESR to minimize the
losses.
Due to large dI/dt through the input capacitors,
electrolytic or ceramics should be used. If a tantalum
must be used, it must be surge protected. Otherwise,
capacitor failure could occur. For most applications, a
4.7µF ceramic capacitor is sufficient.
Output Capacitor
The output capacitor keeps the output voltage ripple
small, ensures feedback loop stability and reduces the
overshoot of the output voltage. The output capacitor is a
basic component for the fast response of the power
supply. In fact, during load transient, for the first few
microseconds it supplies the current to the load. The
converter recognizes the load transient and sets the duty
cycle to maximum, but the current slope is limited by the
inductor value.
Maximum capacitance required can be calculated from
the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com