Electronic Components Datasheet Search
  English  ▼

X  

AP5100 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP5100
Description  1.2A Step-Down Converter with 1.4MHz Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5100 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP5100 Datasheet HTML 4Page - Diodes Incorporated AP5100 Datasheet HTML 5Page - Diodes Incorporated AP5100 Datasheet HTML 6Page - Diodes Incorporated AP5100 Datasheet HTML 7Page - Diodes Incorporated AP5100 Datasheet HTML 8Page - Diodes Incorporated AP5100 Datasheet HTML 9Page - Diodes Incorporated AP5100 Datasheet HTML 10Page - Diodes Incorporated AP5100 Datasheet HTML 11Page - Diodes Incorporated AP5100 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP5100
1.2A Step-Down Converter with 1.4MHz Switching
Frequency
AP5100
8 of 12
MARCH 2010
Document number: DS32130 Rev. 1 - 2
www.diodes.com
© Diodes Incorporated
Application Information
OPERATION
The AP5100 is a current mode control, asynchronous
buck regulator. Current mode control assures excellent
line and load regulation and a wide loop bandwidth for
fast response to load transients. Figure. 4 depicts the
functional block diagram of AP5100.
The operation of one switching cycle can be explained as
follows. At the beginning of each cycle, HS (high-side)
MOSFET is off. The EA output voltage is higher than the
current
sense
amplifier
output,
and
the
current
comparator’s output is low. The rising edge of the
1.4MHz oscillator clock signal sets the RS Flip-Flop. Its
output turns on HS MOSFET.
When the HS MOSFET is on, inductor current starts to
increase. The Current Sense Amplifier senses and
amplifies the inductor current. Since the current mode
control is subject to sub-harmonic oscillations that peak
at
half
the
switching
frequency,
Ramp
slope
compensation is utilized. This will help to stabilize the
power supply. This Ramp compensation is summed to
the Current Sense Amplifier output and compared to the
Error Amplifier output by the PWM Comparator. When
the sum of the Current Sense Amplifier output and the
Slope Compensation signal exceeds the EA output
voltage, the RS Flip-Flop is reset and HS MOSFET is
turned off. The external Schottky rectifier diode (D1)
conducts the inductor current.
For one whole cycle, if the sum of the Current Sense
Amplifier output and the Slope Compensation signal
does not exceed the EA output, then the falling edge of
the oscillator clock resets the Flip-Flop. The output of the
Error Amplifier increases when feedback voltage (VFB)
is lower than the reference voltage of 0.81V. This also
increases the inductor current as it is proportional to the
EA voltage.
Figure 4.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com