Electronic Components Datasheet Search
  English  ▼

X  

B240A Datasheet(PDF) 6 Page - Analog Devices

Part # B240A
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

B240A Datasheet(HTML) 6 Page - Analog Devices

Back Button B240A Datasheet HTML 2Page - Analog Devices B240A Datasheet HTML 3Page - Analog Devices B240A Datasheet HTML 4Page - Analog Devices B240A Datasheet HTML 5Page - Analog Devices B240A Datasheet HTML 6Page - Analog Devices B240A Datasheet HTML 7Page - Analog Devices B240A Datasheet HTML 8Page - Analog Devices B240A Datasheet HTML 9Page - Analog Devices B240A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 6 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3 V, TA = 25°C, VEN = VIN, unless otherwise noted.
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
INDUCTOR: LPS6225-472MLC
DIODE: B230A
VOUT = 12V
VOUT = 9V
VOUT = 5.0V
VOUT = 3.3V
Figure 4. Efficiency Curve, VIN = 18 V, fSW = 1.4 MHz
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
VOUT = 12V
VOUT = 9V
VOUT = 5.0V
VOUT = 3.3V
INDUCTOR: LPS6225-103MLC
DIODE: B230A
Figure 5. Efficiency Curve, VIN = 18 V, fSW = 700 kHz
IOUT (A)
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
INDUCTOR: LPS6225-472MLC
DIODE: B230A
Figure 6. Efficiency Curve, VIN = 12 V, fSW = 1.4 MHz
IOUT (A)
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
INDUCTOR: LPS6225-103MLC
DIODE: B230A
Figure 7. Efficiency Curve, VIN = 12 V, fSW = 700 kHz
IOUT (A)
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
INDUCTOR: LPS6225-472MLC
DIODE: B230A
Figure 8. Efficiency Curve, VIN = 5.0 V, fSW = 1.4 MHz
IOUT (A)
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
INDUCTOR: LPS6225-103MLC
DIODE: B230A
Figure 9. Efficiency Curve, VIN = 5.0 V, fSW = 700 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com