Electronic Components Datasheet Search
  English  ▼

X  

B240A Datasheet(PDF) 3 Page - Analog Devices

Part # B240A
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

B240A Datasheet(HTML) 3 Page - Analog Devices

  B240A Datasheet HTML 1Page - Analog Devices B240A Datasheet HTML 2Page - Analog Devices B240A Datasheet HTML 3Page - Analog Devices B240A Datasheet HTML 4Page - Analog Devices B240A Datasheet HTML 5Page - Analog Devices B240A Datasheet HTML 6Page - Analog Devices B240A Datasheet HTML 7Page - Analog Devices B240A Datasheet HTML 8Page - Analog Devices B240A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VIN = 3.3 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN
Voltage Range
VIN
3
20
V
Supply Current
IVIN
No switching, VIN = 12 V
640
800
μA
Shutdown Current
ISHDN
VEN = 0 V, VIN = 12 V
18
35
μA
Undervoltage Lockout Threshold
UVLO
VIN rising
2.80
2.95
V
VIN falling
2.15
2.40
V
FB
Regulation Voltage
VFB
TJ = 0°C to +125°C
0.788
0.800
0.812
V
TJ = −40°C to +125°C
0.784
0.800
0.816
V
Bias Current
IFB
0.01
0.1
μA
SW
On Resistance1
VBST − VSW = 5 V, ISW = 150 mA
440
700
mΩ
Peak Current Limit2
VBST − VSW = 5 V, VIN = 12 V
1.5
1.9
2.5
A
Minimum On Time
100
135
ns
Minimum Off Time
ADP2300
145
190
ns
ADP2301
70
120
ns
OSCILLATOR FREQUENCY
ADP2300
0.5
0.7
0.9
MHz
ADP2301
1.0
1.4
1.75
MHz
SOFT START TIME
ADP2300
1460
μs
ADP2301
730
μs
EN
Input Threshold
VEN
1.13
1.2
1.27
V
Input Hysteresis
100
mV
Pull-Down Current
1.2
μA
BOOTSTRAP VOLTAGE
VBOOT
No switching, VIN = 12 V
5.0
V
THERMAL SHUTDOWN
Threshold
140
°C
Hysteresis
15
°C
1 Pin-to-pin measurements.
2 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com