Electronic Components Datasheet Search
  English  ▼

X  

B240A Datasheet(PDF) 20 Page - Analog Devices

Part # B240A
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

B240A Datasheet(HTML) 20 Page - Analog Devices

Back Button B240A Datasheet HTML 16Page - Analog Devices B240A Datasheet HTML 17Page - Analog Devices B240A Datasheet HTML 18Page - Analog Devices B240A Datasheet HTML 19Page - Analog Devices B240A Datasheet HTML 20Page - Analog Devices B240A Datasheet HTML 21Page - Analog Devices B240A Datasheet HTML 22Page - Analog Devices B240A Datasheet HTML 23Page - Analog Devices B240A Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 20 of 28
THERMAL CONSIDERATIONS
The ADP2300/ADP2301 store the value of the inductor current
only during the on time of the internal MOSFET. Therefore, a small
amount of power is dissipated inside the ADP2300/ADP2301
package, which reduces thermal constraints.
However, when the application is operating under maximum
load with high ambient temperature and high duty cycle, the
heat dissipated within the package may cause the junction
temperature of the die to exceed the maximum junction
temperature of 125°C. If the junction temperature exceeds
140°C, the regulator goes into thermal shutdown and recovers
when the junction temperature drops below 125°C.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to power dissipation, as indicated in the following
equation:
TJ = TA + TR
where:
TJ is the junction temperature.
TA is the ambient temperature.
TR is the rise in temperature of the package due to power
dissipation.
The rise in temperature of the package is directly proportional
to the power dissipation in the package. The proportionality
constant for this relationship is the thermal resistance from the
junction of the die to the ambient temperature, as shown in the
following equation:
TR = θJA × PD
where:
TR is the rise in temperature of the package.
θJA is the thermal resistance from the junction of the die to the
ambient temperature of the package.
PD is the power dissipation in the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com