Electronic Components Datasheet Search
  English  ▼

X  

B240A Datasheet(PDF) 8 Page - Analog Devices

Part # B240A
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

B240A Datasheet(HTML) 8 Page - Analog Devices

Back Button B240A Datasheet HTML 4Page - Analog Devices B240A Datasheet HTML 5Page - Analog Devices B240A Datasheet HTML 6Page - Analog Devices B240A Datasheet HTML 7Page - Analog Devices B240A Datasheet HTML 8Page - Analog Devices B240A Datasheet HTML 9Page - Analog Devices B240A Datasheet HTML 10Page - Analog Devices B240A Datasheet HTML 11Page - Analog Devices B240A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 8 of 28
0
5
10
15
20
25
30
35
40
2
5
8
11
14
17
20
VIN (V)
TJ = −40°C
TJ = +25°C
TJ = +125°C
Figure 16. Shutdown Current vs. VIN
0.792
0.794
0.796
0.798
0.800
0.802
0.804
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 17. 0.8 V Feedback Voltage vs. Temperature
80
85
90
95
100
105
110
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 18. Minimum On Time vs. Temperature
0
20
40
60
80
100
120
140
160
–50
–20
10
40
70
100
130
fSW = 1.4MHz
fSW = 700kHz
TEMPERATURE (°C)
Figure 19. Minimum Off Time vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
2
5
8
11
14
17
20
VIN (V)
Figure 20. Current-Limit Threshold vs. VIN, VBST − VSW = 5.0 V
–50
–20
10
40
70
100
130
0
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (°C)
Figure 21. Current-Limit Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com