Electronic Components Datasheet Search
  English  ▼

X  

NJU8758 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU8758
Description  Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8758 Datasheet(HTML) 2 Page - New Japan Radio

  NJU8758 Datasheet HTML 1Page - New Japan Radio NJU8758 Datasheet HTML 2Page - New Japan Radio NJU8758 Datasheet HTML 3Page - New Japan Radio NJU8758 Datasheet HTML 4Page - New Japan Radio NJU8758 Datasheet HTML 5Page - New Japan Radio NJU8758 Datasheet HTML 6Page - New Japan Radio NJU8758 Datasheet HTML 7Page - New Japan Radio NJU8758 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJU8758
- 2 -
Ver.2009-11-10
BLOCK DIAGRAM
PIN DESCRIPTION
No
SYMBOL
I/O
FUNCTION
1
VDD
-
Power supply : VDD=3.3V (*1)
2
IN
I
Signal input
3
EQ1
I/O
for Active filter
4
EQ2
I/O
for Active filter
5
COM
-
Analog common
6
MUTEb
I
Mute control (*3)
MUTEb=Low: MUTE Mode
7
STBYb
I
Standby control (*3)
STBYb=MUTEb=Low: Standby Mode
8
TEST
I
TEST terminal for maker (*4)
9
VSS
-
Power GND : VSS=0V (*1)(*2)
10
OUTN
O
Negative output
11
VDDO
-
Output power supply : VDDO =3.3V (*1)
12
OUTP
O
Positive output
13
VSS
-
Power GND : VSS=0V (*1)(*2)
14
OUTTEST
O
Short Detect output
*1) The relations of ”VSS= 0V” and “VDD= VDDO” must be maintained.
*2) The VSS should be connected at a nearest point to the IC.
*3) The MUTEb and the STBYb must be connected to VDD, when these terminals are not used.
*4) The Test terminal must be connected to VSS.
SOFT
START
CONTROL
LOGIC
VDD
LOW BAT.
PROTECTION
IN
COM
OSCILLATOR
OUTP
OUTN
VDD
VDDO
VSS
STBYb
MUTEb
PULSE
WIDTH
MODULATOR
LEVEL
SHIFTER
LEVEL
SHIFTER
VDDO
LOW BAT.
PROTECTION
BIAS
EQ1
EQ2
SHORT
PROTECTION
TEST
VSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com