Electronic Components Datasheet Search
  English  ▼

X  

NJU8758 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU8758
Description  Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8758 Datasheet(HTML) 8 Page - New Japan Radio

  NJU8758 Datasheet HTML 1Page - New Japan Radio NJU8758 Datasheet HTML 2Page - New Japan Radio NJU8758 Datasheet HTML 3Page - New Japan Radio NJU8758 Datasheet HTML 4Page - New Japan Radio NJU8758 Datasheet HTML 5Page - New Japan Radio NJU8758 Datasheet HTML 6Page - New Japan Radio NJU8758 Datasheet HTML 7Page - New Japan Radio NJU8758 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NJU8758
- 8 -
Ver.2009-11-10
TYPICAL APPLICATION CIRCUIT
TYPICAL APPLICATION CIRCUIT
Note 8) De-coupling capacitors must be connected between each power supply terminal and GND (VDD-VSS,
VDDO-VSS).
Note 9) VSS should be connected at a nearest point to the IC on PCB.
Note 10) IN, EQ1 and EQ2 should be not designed near OUTP and OUTN, which emit PWM noise.
Note 11) The power supply for VDDO requires fast driving response performance such as a switching regulator
for better THD.
Note 12) The above circuit shows only application example and does not guarantee the any electrical
characteristics. Therefore, please test the circuit carefully to fit your application.
Note 13) The transition time for MUTEB and STBYB signals must be less than 100
µs. Otherwise, a
malfunction may be occurred.
Note 14) (1) – (12) indicates terminal number.
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
OUTP(12)
OUTN(10)
COM(5)
10 µF
8 Ω
VDD(1)
VSS(9,13)
VDDO(11)
IN(2)
STBYb(7)
MUTEb(6)
1 µF
TEST(8)
+
0.1 µF
+
10 µF
1 µF
+
10 µF
Battery
EQ1(3)
EQ2(4)
100 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com