Electronic Components Datasheet Search
  English  ▼

X  

NJU8758 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU8758
Description  Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8758 Datasheet(HTML) 1 Page - New Japan Radio

  NJU8758 Datasheet HTML 1Page - New Japan Radio NJU8758 Datasheet HTML 2Page - New Japan Radio NJU8758 Datasheet HTML 3Page - New Japan Radio NJU8758 Datasheet HTML 4Page - New Japan Radio NJU8758 Datasheet HTML 5Page - New Japan Radio NJU8758 Datasheet HTML 6Page - New Japan Radio NJU8758 Datasheet HTML 7Page - New Japan Radio NJU8758 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NJU8758
-1-
Ver.2009-11-10
Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
GENERAL DESCRIPTION
The NJU8758 is an analog signal input monaural
1.5W filterless class D power amplifier. The
NJU8758 is capable of driving 0.6W at 3.3V or
1.5W at 5.0V into 8ohms without external LC
low-pass filters. It includes an output-short protector.
The NJU8758 incorporates BTL amplifier, which
eliminate AC coupling capacitors. The NJU8758
features high power-efficiency by class-D operation,
and is suited for security equipment, portable set
with speaker, PC, etc.
FEATURES
Operating Voltage:
1.8 to 5.5V
1.5 W at 5V into 8ohms
No output filters
Standby(Hi-Z), Mute Control
Built-in Pop noise reduction
EQ for Active filter
Built-in Low Voltage Detector
Built-in Short Protector for each channel
CMOS Technology
Package Outline:
SSOP14
PIN CONFIGURATION
NJU8758V
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COM
MUTEb
STBYb
VDD
EQ1
EQ2
IN
VSS
OUTP
VDDO
OUTN
VSS
TEST
OUTTEST
PACKAGE OUTLINE
Preliminary


Similar Part No. - NJU8758

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU8758 NISSHINBO-NJU8758 Datasheet
157Kb / 8P
Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
Ver.2009-11-10
NJU8758V NISSHINBO-NJU8758V Datasheet
157Kb / 8P
Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
Ver.2009-11-10
More results

Similar Description - NJU8758

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8754 NJRC-NJU8754 Datasheet
99Kb / 6P
Analog Signal Input Monaural Class D Power Amplifier
logo
Rohm
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
Analog Input Monaural Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
logo
Intersil Corporation
ISL99201IRTAZ-T INTERSIL-ISL99201IRTAZ-T Datasheet
383Kb / 11P
Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
Analog Input Monaural Class-D Speaker Amplifier
logo
Renesas Technology Corp
ISL99201 RENESAS-ISL99201 Datasheet
635Kb / 11P
Filterless High Efficiency 1.5W Class D Mono Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com