Electronic Components Datasheet Search
  English  ▼

X  

NJU8758 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU8758
Description  Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8758 Datasheet(HTML) 4 Page - New Japan Radio

  NJU8758 Datasheet HTML 1Page - New Japan Radio NJU8758 Datasheet HTML 2Page - New Japan Radio NJU8758 Datasheet HTML 3Page - New Japan Radio NJU8758 Datasheet HTML 4Page - New Japan Radio NJU8758 Datasheet HTML 5Page - New Japan Radio NJU8758 Datasheet HTML 6Page - New Japan Radio NJU8758 Datasheet HTML 7Page - New Japan Radio NJU8758 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJU8758
- 4 -
Ver.2009-11-10
(4) EQ for Active filter (IN, EQ1, EQ2)
The NJU8758 has EQ1 and EQ2, which is for active filter.
The band-pass filter is calculated as shown below.
Example: The band-pass filter
()
1
S
1
S
S
C
2
F
1
F
1
F
F
R
sC
1
1
R
1
1
sC
1
sC
R
sC
1
1
R
1
1
s
H
+
+
+
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
−
=
CF1>100 pF
(5) Low Voltage Detector
When the power supply voltage drops down to below VDD(MIN), the internal circuit is halted, and the output
terminals(OUTP and OUTN) become in high impedance.
(6) Short Protection Circuit
The short protector is enabled in response to following accidents.
Short between OUTP and OUTN
Short between OUTP and VSS
Short between OUTN and VSS
When the Short Protector enable, the output terminals (OUTP and OUTN) become in high impedance, and
OUTTEST enable” H”(H=VDD). By setting the STBYb terminal to “L”, the NJU8758 returns to normal operation.
Note 1) The detectable current and the period for the protection depend on the power supply voltage and
ambient temperature.
Note 2) The short protector is not effective for a long term short-circuit but for an instantaneous accident.
Continuous high-current may cause permanent damage to NJU8758.
+
IN
VIN
RS
RF
EQ1
EQ2
RS1
CC
RF1
CS1
CF1
CF2
NJU8758
RS=27 kΩ
RF=32 kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com