Electronic Components Datasheet Search
  English  ▼

X  

NX2147 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX2147
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147 Datasheet(HTML) 5 Page - Microsemi Corporation

  NX2147 Datasheet HTML 1Page - Microsemi Corporation NX2147 Datasheet HTML 2Page - Microsemi Corporation NX2147 Datasheet HTML 3Page - Microsemi Corporation NX2147 Datasheet HTML 4Page - Microsemi Corporation NX2147 Datasheet HTML 5Page - Microsemi Corporation NX2147 Datasheet HTML 6Page - Microsemi Corporation NX2147 Datasheet HTML 7Page - Microsemi Corporation NX2147 Datasheet HTML 8Page - Microsemi Corporation NX2147 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NX2147
5
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
PIN DESCRIPTIONS
PIN NUMBER PIN SYMBOL
PIN DESCRIPTION
This pin is directly connected to the output of the switching regulator and
senses the VOUT voltage. An internal MOSFET with 20ohms rdson dis-
charges the output during turn off.
This pin supplies the internal 5V bias circuit. A 1uF X7R ceramic capacitor is
placed as close as possible to this pin and ground pin.
This pin is connected via resistor divider to VREF_OC pin to set the output
DC voltage from 0.5V to VREF 2.5V.
This pin is a drain of an internal signal MOSFET. When it is connected via
resistor to the VP pin,and the GPIO0 pin is set low, it reduces the VP
voltage by paralleling this resistor to the fixed resistor from VP to GND.
This pin is a drain of an internal signal MOSFET. When it is connected via
resistor to the VP pin,and the GPIO_1 pin is set low, it reduces the VP
voltage by paralleling this resistor to the fixed resistor from VP to GND.
A logic level input signal that controls the D1 pin. A low signal turns the
internal D1 MOSFET on and a High turns it off.
Power ground.
Low side gate driver output.
Provide the voltage supply to the lower MOSFET drivers. Place a high
frequency decoupling capacitor 1uF X5R to this pin.
Reference output voltage. A resistor divider from this pin to VP pin sets the
output voltage. The total resistance from this pin to GND also sets the OCP
threshold voltage. Note that when GPIO0 and GPIO1 pins are high the
reference divider is at its highest voltage. The nominal voltage of Vref is
2.5V.
This pin is connected to source of high side FETs and provide return path for
the high side driver. It is also the input of zero current sensing comparator.
High side gate driver output.
This pin supplies voltage to high side FET driver. A high freq 1uF X7R
ceramic capacitor and 2.2ohm resistor in series are recommended to be
placed as close as possible to and connected to this pin and SW pin.
A logic level input signal that controls the D0 pin. A low signal turns the
internal D0 MOSFET on and a High turns it off.
Switching converter enable input. Connect to VCC for PFM/Non synchronous
mode, connected to an external resistor divider equals to 70%VCC for ultra-
sonic, connected to GND for shutdown mode, floating or connected to 2V for
the synchronous mode.
VIN sensing input. A resistor connects from this pin to VIN will set the fre-
quency. A 1nF capacitor from this pin to GND is recommended to ensure the
proper operation.
Analog ground.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
VOUT
VCC
VP
D1
D0
GPIO1
PGND
LDRV
PVCC
VREF_OC
SW
HDRV
BST
GPIO0
ENSW/
MODE
TON
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com