Electronic Components Datasheet Search
  English  ▼

X  

NX2147 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # NX2147
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147 Datasheet(HTML) 1 Page - Microsemi Corporation

  NX2147 Datasheet HTML 1Page - Microsemi Corporation NX2147 Datasheet HTML 2Page - Microsemi Corporation NX2147 Datasheet HTML 3Page - Microsemi Corporation NX2147 Datasheet HTML 4Page - Microsemi Corporation NX2147 Datasheet HTML 5Page - Microsemi Corporation NX2147 Datasheet HTML 6Page - Microsemi Corporation NX2147 Datasheet HTML 7Page - Microsemi Corporation NX2147 Datasheet HTML 8Page - Microsemi Corporation NX2147 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NX2147
1
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
TYPICAL APPLICATION
DESCRIPTION
The NX2147 controller IC is a step down switching con-
troller with ability to dynamically adjust the output volt-
age designed for applications such as Graphic Proces-
sor Core voltage in Notebook PC products. It allows
this by adjusting the reference input of the PWM
comprator as oppose to the traditional method of feed-
back adjustment. This device has three mode of opera-
tions; a) Constant ON Time Synchronous Mode, b) Non
Synchronous PFM mode or c) Ultrasonic PFM mode of
operation. When selected in Non Synchronous mode,
the device automatically disables the synchronous
MOSFET in order to improve efficiency at light load.
This device provides excellent dynamic response and
nearly constant frequency for operation from 4.5V to
24V of input voltage operation. Other features of the
device are; internal logic level signal MOSFETs for out-
put dynamic voltage adjustment, internal boost schotcky
diode, less than 1uA VIN shutdown current, adjustable
current limiting using lower MOSFET Rds-On and feed-
back UVLO followed by latchdown, overvoltage protec-
tion , internal digital soft start and soft stop shutdown
using and internal 20 ohm MOSFET pull down.
n Output voltage can be dynamically changed
n Internal Boost Schottky Diode
n
Ultrasonic mode operation available
n Bus voltage operation from 4.5V to 24V
n Less than 1uA VIN shutdown current with Enable
low
n Excellent dynamic response with constant on time
control
n Selectable between Synchronous CCM mode and
diode emulation mode to improve efficiency at
light load
n Programmable switching frequency
n Current limit and FB UVLO with latch off
n Over voltage protection with latch off
n Pb-free and RoHS compliant
ORDERING INFORMATION
FEATURES
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH
DYNAMIC VOLTAGE ADJUSTMENT
APPLICATIONS
n Notebook PCs and Desknotes
n Tablet PCs/Slates
n On board DC to DC such as
12V to 3.3V, 2.5V or 1.8V
n Hand-held portable instruments
PRODUCTION DATA SHEET
Figure1 - Typical application of NX2147
Device
Temperature
Package
Pb-Free
NX2147CMTR
-10o C to 100o C
3X3 MLPQ-16L
Yes
Pb Free Product
7
VIN 7V~22V
TON
HDRV
BST
SW
LDRV
VREF_OC
VOUT
ENSW
/MODE
5V
10
VCC
PVCC
Vout (see table above) /12A
AGND
1MEG
9
2
15
6
1
10
8
11
13
12
16
1u
1u
2R5TPE330MC
200k
1u
2x10uF
1n
FDS6294
FDS6676AS
1uH
330uF
PGND
D1
4
D0
5
GPIO0
14
GPIO1
6
VP
3
10n
0.1u
100k
88.7k
634k
LOAD
2.2
GP IO0 GP IO1 VOUT(V)
1
1
1.17
0
1
1.09
1
0
0.95
0
0
0.9


Similar Part No. - NX2147

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2141CMTR MICROSEMI-NX2141CMTR Datasheet
915Kb / 21P
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2141CUTR MICROSEMI-NX2141CUTR Datasheet
915Kb / 21P
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2142 MICROSEMI-NX2142 Datasheet
525Kb / 18P
SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2142A MICROSEMI-NX2142A Datasheet
525Kb / 18P
SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
More results

Similar Description - NX2147

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
Mobile-Friendly PWM/PFM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
SINGLE CHANNEL MOBILE PWM CONTROLLER
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2715 MICROSEMI-NX2715 Datasheet
715Kb / 21P
SINGLE CHANNEL MOBILE PWM CONTROLLER WITH NMOS LDO CONTROLLER, PGOOD INDICATOR AND ENABLE
logo
Maxim Integrated Produc...
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
Single Output Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com