Electronic Components Datasheet Search
  English  ▼

X  

NX2147 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2147
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2147 Datasheet HTML 2Page - Microsemi Corporation NX2147 Datasheet HTML 3Page - Microsemi Corporation NX2147 Datasheet HTML 4Page - Microsemi Corporation NX2147 Datasheet HTML 5Page - Microsemi Corporation NX2147 Datasheet HTML 6Page - Microsemi Corporation NX2147 Datasheet HTML 7Page - Microsemi Corporation NX2147 Datasheet HTML 8Page - Microsemi Corporation NX2147 Datasheet HTML 9Page - Microsemi Corporation NX2147 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NX2147
6
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the NX2147
R1
VIN
BST(13)
HDRV(12)
LDRV(8)
SW(11)
PVCC(9)
5V
FET Driver
start
ODB
HD_IN
start
VOUT(1)
DO(5)
ENSW
/MODE(15)
start
POR
VREF_OC(10)
TON(16)
HD
VREF
FBUVLO_latch
R
S
Q
Mini offtime
400ns
OCP_COMP
HD
Diode
emulation
OCP_COMP
0.7*Vref
FB
1.25*Vref/0.7VREF
VOUT
OVP
FBUVLO_latch
VOUT
Sync
PFM_nonultrasonic
4.3/4.1
VCC(2)
Bias
POR
Disable
Disable_B
VIN
1.8V
Thermal
shutdown
soft start
ON time
pulse
genearation
VOUT
MODE
SELECTION
VCC
1M
1M
AGND(PAD)
PGND(7)
VP(3)
8k
GPIO0(14)
SCHIMTTER
TRIGGER
D1(4)
GPIO1(6)
SCHIMTTER
TRIGGER
R2
VREF_OC
R1+R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com