Electronic Components Datasheet Search
  English  ▼

X  

NX2147 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # NX2147
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button NX2147 Datasheet HTML 3Page - Microsemi Corporation NX2147 Datasheet HTML 4Page - Microsemi Corporation NX2147 Datasheet HTML 5Page - Microsemi Corporation NX2147 Datasheet HTML 6Page - Microsemi Corporation NX2147 Datasheet HTML 7Page - Microsemi Corporation NX2147 Datasheet HTML 8Page - Microsemi Corporation NX2147 Datasheet HTML 9Page - Microsemi Corporation NX2147 Datasheet HTML 10Page - Microsemi Corporation NX2147 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NX2147
8
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
Bill of Materials
Item
Quantity
Reference
Value
Manufacture
1
2
CI1
10uF/X5R/25V
2
1
CO1
2R5TPE330MC
SANYO
3
2
C1,C2
1uF
4
2
C3,C6
0.1uF
5
1
C4
10nF
6
1
C5
1nF
7
1
C7
470p
8
1
Lo
RL-8250-1.4-1R0M
RENCO
9
1
M1
FDS6294
FAIRCHILD
10
1
M2
FDS6676AS
FAIRCHILD
11
1
R1
10
12
1
R2
100k
13
1
R3
88.7k
14
1
R4
200k
15
1
R5
634k
16
1
R6
499k
17
1
R7
10
18
1
R8
2.2
19
1
U1
NX2147
NEXSEM INC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com