Electronic Components Datasheet Search
  English  ▼

X  

WM8144 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8144
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8144 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
WM8144-10
Wolfson Microelectronics
10
S/H, Offset DAC’s and PGA
Each analogue input (RINP, GINP, BINP) of the WM8144-
10 consists of a sample and hold, a programmable gain
amplifier, and a DC offset correction block. The operation
of the red input stage is summarised in Figure 1.
S/H
S/H
Gain=G
VS
VMID
VADC
VMID
Voffset
RINP
RS
-
+
+
+
Figure 1
The sample/hold block can operate in two modes of op-
eration, CDS (Correlated Double Sampling) or Single Ended.
In CDS operation the video signal processed is the differ-
ence between the voltage applied at the RINP input when
RS occurs, and the voltage at the RINP input when VS
occurs. This is summarised in Figure 2.
RS
Vrs
Vvs
VS
Figure 2
When using CDS the actual DC value of the input signal is
not important, as long as the signal extremes are main-
tained within 0.5 volts of the chip power supplies. This is
because the signal processed is the difference between
the two sample voltages, with the common DC voltage
being rejected.
In single ended operation, the VS and RS control signals
occur simultaneously, and the voltage applied to the re-
set switch is fixed at VMID. This means that the voltage
processed is the difference between the voltage applied
to RINP when VS/RS occurs, and VMID. When using Sin-
gle ended operation the DC content of the video signal is
not rejected.
The Programmable Gain Amplifier block multiplies the re-
sulting input voltage by a value between 0.5 and 8.25
which can be programmed independently for each of the
three input channels via the serial (or parallel) interface.
PGA gain is dependent on the 5-bit binary code pro-
grammed in the PGA registers. A typical plot of PGA
gain versus code is shown on Page 8. The DC value of
the gained signal can then be trimmed by the 8 bit plus
sign DAC. The voltage output by this DAC is shown as
Voffset in Figure 1. The range of the DAC is (VMID/2).
The output from the offset DAC stage is referenced to
the VMID voltage. This allows the input to the ADC to
maximise the dynamic range, and is shown diagrammati-
cally in Figure 1 by the final VMID addition.
For the input stage the final analogue voltage applied to
the ADC can be expressed as:
Where: VADC is the voltage applied to the ADC
G is the programmed gain
Vvs is the voltage of the video sample
Vrs is the voltage of the reset sample
Sign is the Offset DAC sign bit
DAC_CODE is the offset DAC value
VMID is the WM8144-10 generated VMID voltage
The ADC has a lower reference of VRB (typically 1.5 V)
and an upper reference of VRT (typically 3.5 V). When
an ADC input voltage is applied to the ADC equal to VRB
the resulting code is 000(hex). When an ADC input volt-
age is applied to the ADC equal to VRT the resulting code
is 3FF(hex).
Reset Level Clamp
Both CDS and Single ended operation can be used with
Reset Level Clamping. A typical input configuration is
shown in Figure 3.
S/H
S/H
Gain=G
VS
VMID
VRLC
RINP
Cin
RS
-
+
WM8144
Figure 3
Theory of Operation
()
()
VADC
G Vvs Vrs
1 2 * Sign *
DAC_ CODE
255
=−
+
−


+
*
VMID
VMID
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com