Electronic Components Datasheet Search
  English  ▼

X  

WM8144 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8144
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8144 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 27Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
WM8144-10
Wolfson Microelectronics
27
48 Pin TQFP
Notes: A .
All linear dimensions are in millimeters
B.
This drawing is subject to change without notice.
C.
Falls within JEDEC MO-026
Package Dimensions
1.60MAX
1.45
1.35
0.08
Seating Plane
11 2
13
24
25
36
37
48
0.50
0.27
0.17
0.08 M
9.00 2
7.00 2
5.50TYP
0.05MIN
0.25
0.75
0.45
0o - 7o
0.13NOM
Gage Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com