Electronic Components Datasheet Search
  English  ▼

X  

WM8146 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8146
Description  12-bit(84-bit) Linear Sensor Image Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8146 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8146 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Product Preview
WM8146
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 January 2000
7
DEVICE DESCRIPTION
GENERAL OPERATION
A block diagram of the device showing the signal path is presented on Page 1.
The WM8146 samples the three inputs (RINP, GINP and BINP) simultaneously. The device then
processes the sampled video signal with respect to the video reset level or the reference level VMID
using three processing channels.
Each processing channel consists of an input sampling block with optional reset level clamping
(RLC) and correlated double sampling (CDS), a 5-bit programmable gain amplifier (PGA) and an 8-
bit (+sign) programmable offset DAC.
For colour operation, the resulting analogue outputs from the three channels are multiplexed into a
12-bit ADC. For monochrome operation the resulting analogue output from the selected channel only
is multiplexed into the ADC. The ADC then converts the analogue signal to a 12-bit digital word. The
digital output from the ADC is presented on an 8-bit wide output bus, in 8+4-bit multiplexed format.
Internal control registers determine the configuration of the device, including the gain and offset
applied to each channel. These registers are programmable via the serial interface.
RESET LEVEL CLAMPING (RLC)
CONFIGURATION
To ensure that the signal applied to the WM8146 lies within its input range, the CCD output signal is
usually level shifted by a.c. coupling through a capacitor, CIN. The RLC circuit clamps the WM8146
side of this capacitor to a selected voltage during the CCD reset level. The RLC voltage VRLC, is
selected by control bits RLC[1:0] in setup register 3.
A typical input configuration demonstrating reset level clamping and CDS circuitry is shown in Figure
5. A clamp pulse, CL, is generated from MCLK and VSMP by the timing control block. When CL is
active the voltage on the WM8146 side of CIN, at RINP, is forced to the RLC voltage VRLC by switch
1. When the CL pulse turns off, the voltage at RINP initially remains at VRLC but any subsequent
variation in sensor voltage (from reset to video level) will couple through CIN to RINP.
Reset level clamping is compatible with both CDS and non-CDS operating modes, as selected by
switch 2.
TIMING CONTROL
S/H
CL
+
+
-
TO PGA
RLC
CDS
FROM CONTROL
INTERFACE
S/H
V
S
R
S
FROM CONTROL
INTERFACE
MCLK
VSMP
RLC
INPUT SAMPLING
BLOCK FOR RED
CHANNEL
CDS
C
IN
RINP
VRLC
2
1
AGND
VRLC
VMID
Figure 5 Reset Level Clamping and CDS Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com