Electronic Components Datasheet Search
  English  ▼

X  

WM8146 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8146
Description  12-bit(84-bit) Linear Sensor Image Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8146 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8146 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
WM8146
12-bit (8+4-bit) Linear Sensor Image Processor
Product Preview, January 2000 Rev 1.1
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Product Preview data sheets contain
specifications for products in the formative
phase of development. These products may
be changed or discontinued without notice.
1999 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8146 is a 12-bit analogue front end/digitiser IC,
which processes and digitises the analogue output signals
from linear CCD sensors at pixel sample rates of up to
6MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. The output from each of these
channels is time multiplexed into a single high-speed 12-bit
Analogue to Digital Converter. The digital output data is
available in 8+4-bit wide multiplexed format, with no missing
codes.
The WM8146 is controlled via a configurable serial
interface, which is compatible with all of Wolfson’s imaging
devices.
Powered from an analogue supply voltage of 5V and a
digital interface supply of either 5V or 3.3V, the WM8146
typically only consumes 175mW when operating from 5V
supplies.
FEATURES
•
No missing codes guaranteed
•
6MSPS sample rate
•
Colour pixel by pixel or line by line sampling
•
Monochrome sampling
•
Selectable reset level clamp voltage
•
Pixel by pixel or line by line clamping
•
Correlated double sampling
•
5-bit programmable gain amplifier
•
8-bit + sign offset adjustment
•
5V or 3.3V digital interface compatibility
•
Serial control interface
•
28-pin SOIC package
APPLICATIONS
•
Flatbed scanners
•
Multi-function peripherals
•
Copier scanners
•
CCD sensor interfaces
BLOCK DIAGRAM
+
+
OFFSET
+
+
+
+
M
U
X
RINP
GINP(28)
BINP(27)
TIMING CONTROL
VSMP
(5)
MCLK
(7)
RLC
(6)
DGND
(8)
12-bit
ADC
8+4
M U X
CONFIGURABLE
SERIAL CONTROL
INTERFACE
SDI
SCK
SEN
MUX
VMID
VRLC
(26)
VRT
(24)
VRB
(23)
VMID
(25)
CL
RS
VS
AGND2
(2)
VMID
OFFSET
OFFSET
PGA
PGA
5-BIT REG
CDS
5-BIT REG
5-BIT REG
PGA
VMID
VMID
CDS
CDS
S/H
S/H
S/H
S/H
S/H
S/H
8-BIT +
SIGN DAC
8-BIT +
SIGN DAC
8-BIT +
SIGN DAC
WM8146
DVDD1
(3)
DVDD2
(10)
AGND1
(22)
AVDD
(21)
(9)
(12)
(11)
OEB
(4)
(13) OP[0]
(14) OP[1]
(20)
(15)
(16)
(17)
(18)
(19)
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[7]
(1)


Similar Part No. - WM8146

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8141 WOLFSON-WM8141 Datasheet
239Kb / 31P
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8141CFT/V WOLFSON-WM8141CFT/V Datasheet
239Kb / 31P
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8143-10 WOLFSON-WM8143-10 Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
WM8143-10CFT/V WOLFSON-WM8143-10CFT/V Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
WM8143-12 WOLFSON-WM8143-12 Datasheet
379Kb / 24P
12-bit/4MSPS CCD Signal Processor
More results

Similar Description - WM8146

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3737 NEC-UPD3737 Datasheet
193Kb / 16P
5150-BIT CCD LINEAR IMAGE SENSOR
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9800 NSC-LM9800 Datasheet
619Kb / 34P
8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
logo
NEC
UPD3570 NEC-UPD3570 Datasheet
207Kb / 8P
UPD3570 2560-BIT CCD LINEAR IMAGE SENSOR
UPD3571 NEC-UPD3571 Datasheet
225Kb / 10P
5000 BIT CCD LINEAR IMAGE SENSOR
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
2048-BIT CCD LINEAR IMAGE SENSOR
UPD3574 NEC-UPD3574 Datasheet
205Kb / 9P
2592-BIT CCD LINEAR IMAGE SENSOR
UPD3575 NEC-UPD3575 Datasheet
228Kb / 9P
1024 BIT LINEAR IMAGE SENSOR
logo
Panasonic Semiconductor
MN3611 PANASONIC-MN3611 Datasheet
357Kb / 5P
2160-Bit CCD Linear Image Sensor
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com