Electronic Components Datasheet Search
  English  ▼

X  

WM8146 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8146
Description  12-bit(84-bit) Linear Sensor Image Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8146 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8146 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Product Preview
WM8146
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 January 2000
17
PACKAGE DIMENSIONS
28
15
Symbols
Dimensions
(mm)
Dimensions
(Inches)
MIN
MAX
MIN
MAX
A
2.35
2.65
0.0926
0.1043
A1
0.10
0.30
0.0040
0.0118
B
0.33
0.51
0.0130
0.0200
C
0.23
0.32
0.0091
0.0125
D
17.70
18.10
0.6969
0.7125
e
1.27 BSC
0.0500 BSC
E
7.40
7.60
0.2914
0.2992
h
0.25
0.75
0.0100
0.0290
H
10.00
10.65
0.3940
0.4190
L
0.40
1.27
0.0160
0.0500
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-013
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-013, VARIATION = AE. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
E. PIN ONE INDICATORS WILL BE LOCATED IN EITHER ZONE A OR ZONE B.
DM016.B
D: 28 PIN SOICW 7.5mm (0.3") Wide Body, 1.27mm Lead Pitch
L
E
H
D
e
B
1
14
A
0.10 (0.004)
SEATING PLANE
A1
-C-
h x 45o
α
C
ZONE A
ZONE B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com