Electronic Components Datasheet Search
  English  ▼

X  

WM8146 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8146
Description  12-bit(84-bit) Linear Sensor Image Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8146 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8146 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Product Preview
WM8146
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 January 2000
11
internal signals to control the sampling of the video signal. MCLK to VSMP ratios and maximum
sample rates for the various modes are shown in Table 1.
POWER SUPPLY
The WM8146 can run from a 5V single supply or from split 5V (core) and 3.3V (digital interface)
supplies.
OPERATING MODES
Table 1 summarises the most commonly used modes, the clock waveforms required and the register
contents required for CDS and non-CDS operation.
MODE
DESCRIPTION
CDS
AVAILABLE
MAX
SAMPLE
RATE
SENSOR
INTERFACE
DESCRIPTION
TIMING
REQUIRE-
MENTS
REGISTER
CONTENTS
WITH
CONTROL
BIT CDS=1
REGISTER
CONTENTS
WITH
CONTROL
BIT CDS=0
1
Colour
Pixel-by-Pixel
Yes
2MSPS
The 3 input channels
are sampled in
parallel. The signal is
then gain and offset
adjusted before being
multiplexed into a
single data stream and
converted by the ADC,
giving an output data
rate of 6MSPS max.
MCLK max =
12MHz
MCLK:VSMP
ratio is 6:1
SetReg1:
03(hex)
SetReg1:
01(hex)
2
Monochrome/
Colour
Line-by-Line
Yes
2MSPS
As mode 1 except:
Only one input
channel at a time
is continuously
sampled.
MCLK max =
12MHz
MCLK:VSMP
ratio is 6:1
SetReg1:
07(hex)
SetReg3 bits
7:6
determine
which input is
to be
sampled
SetReg1:
05(hex)
SetReg3
bits 7:6
determine
which input
is to be
sampled
3Fast
Monochrome/
Colour
Line-by-Line
Yes
4MSPS
Identical to mode 2
MCLK max =
12MHz
MCLK:VSMP
ratio is 3:1
Identical to
mode 2 plus
SetReg3: bits
5:4 must be
set to 0(hex)
Identical to
mode 2
4
Maximum
speed
Monochrome/
Colour
Line-by-Line
No
6MSPS
Identical to mode 2
MCLK max =
12MHz
MCLK:VSMP
ratio is 2:1
CDS not
possible
SetReg1:
45(hex)
SetReg3
bits 7:6
determine
which input
is to be
sampled
5
Slow Colour
Pixel-by-Pixel
Yes
1.5MSPS
Identical to mode 1
MCLK max =
12MHz
MCLK:VSMP
ratio is
2n:1, n
≥ 4
Identical to
mode 1
Identical to
mode 1
6Slow
Monochrome/
Colour
Line-by-Line
Yes
1.5MSPS
Identical to mode 2
MCLK max =
12MHz
MCLK:VSMP
ratio is
2n:1, n
≥ 4
Identical to
mode 2
Identical to
mode 2
Table 1 WM8146 Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com