Electronic Components Datasheet Search
  English  ▼

X  

WM8706 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8706
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8706 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
WM8706
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
10
In left justified, right justified and I
2S modes, the minimum number of BCKINs per LRCIN period
is 2 times the selected word length. LRCIN must be high for a minimum of word length BCKINs
and low for a minimum of word length BCKINs. Any mark to space ratio on LRCIN is
acceptable provided the above requirements are met. The WM8706 will automatically detect
when data with a LRCIN period of exactly 32 is sent, and select 16 bit mode - overriding any
previously programmed word length. Word length will revert to the previously programmed
value when a LRCIN period other than 32 is detected. (see Figure 4, Figure 5 and Figure 6).
In DSP early or DSP late mode, the data is time multiplexed onto DIN. LRCIN is used as a
frame sync signal to identify the MSB of the first word. The minimum number of BCKINs per
LRCIN period is 2 times the selected word length. Any mark to space ratio is acceptable on
LRCIN provided the rising edge is correctly positioned (see Figure 7 and Figure 8).
LEFT JUSTIFIED MODE
In left justified mode, the MSB is sampled on the first rising edge of BCKIN following a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 4 Left Justified Mode Timing Diagram
RIGHT JUSTIFIED MODE
In right justified mode, the LSB is sampled on the rising edge of BCKIN preceding a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 5 Right Justified Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com