Electronic Components Datasheet Search
  English  ▼

X  

WM8706 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8706
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8706 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
WM8706
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
22
RECOMMENDED EXTERNAL COMPONENTS
28
DVDD
DGND
MLIIS
AGND
AVDD
VMID
C
9
C
8
AGND
8
7
Software I/F or
Hardware Control
WM8706
Notes:
1. AGND and DGND should be connected as close to the WM8706 as possible.
2. C
2, C3, C4 and C8 should be positioned as close to the WM8706 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
VREFP
VREFN
C
3
C
4
C
5
C
2
DVDD
C
1
27
MCDM1
26
MDDM0
VOUTR
16
C
6
VOUTL
C
7
AC-Coupled
VOUTR/L
to External LPF
24
MODE
25
MUTEB
13
AVDD
5
XTI
3
BCKIN
2
DIN
Audio Serial Data I/F
DGND
AGND
1
LRCIN
15
20
14
19
+
18
+
+
Software/hardware
control mode select
21
ZERO
23
CSBIWO
Figure 22 External Components Diagram
RECOMMENDED EXTERNAL COMPONENT VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C5
10
µF
De-coupling for DVDD and AVDD/VREFP
C2 to C4
0.1
µF
De-coupling for DVDD and AVDD/VREFP
C6 and C7
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C8
0.1
µF
C9
10
µF
Reference de-coupling capacitors for VMID pin.
Table 24 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com