Electronic Components Datasheet Search
  English  ▼

X  

WM8706 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8706
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8706 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
WM8706
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
3
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital Input
DAC Sample Rate Clock Input
2
DIN
Digital Input
Serial Audio Data Input
3
BCKIN
Digital Input
Audio Data Bit Clock Input.
4NC
No internal connection
5
XTI
Analogue Input
Master Clock Input
6NC
No Internal Connection
7
DGND
Supply
Digital Ground Supply
8
DVDD
Supply
Digital Positive Supply
9NC
No Internal Connection
10
NC
No Internal Connection
11
NC
No Internal Connection
12
NC
No Internal Connection
13
VOUTR
Analogue Output
Right Channel DAC Output
14
AGND
Supply
Analogue Ground Supply
15
AVDD
Supply
Analogue Positive Supply
16
VOUTL
Analogue Output
Left Channel DAC Output
17
NC
No Internal Connection
18
VMID
Analogue Output
Mid Rail Decoupling Point
19
VREFN
Supply
DAC Negative Reference – normally AGND, must not be below AGND
20
VREFP
Supply
DAC Positive Reference – normally AVDD, must not be below AVDD
21
ZERO
Digital Output
Infinite Zero Detect Flag
22
NC
No Internal Connection
23
CSBIWO
Digital Input
Software Mode: 3-Wire Serial Control Chip Select
Hardware Mode: Input Word Length, Pull Up
24
MODE
Digital Input
Control Mode Selection (Low = Hardware, High = Software), Pull Down
25
MUTEB
Digital Bi-directional
Mute Control (L = Mute on, H = Mute off, Z = Automute Enabled), Pull
Up
26
MDDM0
Digital Bi-directional
Software Mode: 3-Wire Serial Control Data Input:
Hardware Mode: De-Emphasis
27
MCDM1
Digital Input
Software Mode: 3-Wire Serial Control Clock Input
Hardware Mode: De-Emphasis, Pull Down
28
MLIIS
Digital Input
Software Mode 3-Wire Serial Control Load Input
Hardware Mode: Input Data Format Selection, Pull Up
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com