Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 7Page - Cirrus Logic CS4207 Datasheet HTML 8Page - Cirrus Logic CS4207 Datasheet HTML 9Page - Cirrus Logic CS4207 Datasheet HTML 10Page - Cirrus Logic CS4207 Datasheet HTML 11Page - Cirrus Logic CS4207 Datasheet HTML 12Page - Cirrus Logic CS4207 Datasheet HTML 13Page - Cirrus Logic CS4207 Datasheet HTML 14Page - Cirrus Logic CS4207 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
DS880F1
11
CS4207
2. TYPICAL CONNECTION DIAGRAMS
1 µF
VREF+
0.1 µF
HP_GND(Thermal Pad)
VL_HD
0.1 µF
+1.5 V to +3.3 V
RESET
SDI
BITCLK
SYNC
VA
* Capacitors must be C0G or equivalent
MICIN_L+
Differential Mic Left
SDO
CS4207
MICBIAS
HPOUT_L
HPOUT_R
RL
The value of RL is dictated by
the microphone cartridge.
HD Audio
Bus
Left Headphone
FLYP
VHP_FILT+
2.2 µF
Microphone Bias
1 µF
0.47 µF
10 µF
**
**
** Use low ESR
ceramic capacitors.
LINEOUT_L1+
+Left Line Output 1
LINEOUT_L1-
Right Headphone
LINEOUT_R1+
+Right Line Output 1
LINEOUT_R1-
0.1 µF
33
Ω
1 µF
MICIN_L-
1 µF
RL
Differential Mic Right
1 µF
MICIN_R+
MICIN_R-
LINEOUT_L2+
+Left Line Output 2
LINEOUT_L2-
LINEOUT_R2+
+Right Line Output 2
LINEOUT_R2-
GPIO2
GPIO2
GPIO3
GPIO3
SPDIF_IN
SPDIF_OUT1
S/PDIF TX 1
S/PDIF RX
SENSE_A
SENSE_A
DMIC_SDA1
D-Mic In 1
HPREF
0.1 µF
33
Ω
Headphone Ground
+5.0 V
Differential to
Single-Ended
Output Filter
Differential to
Single-Ended
Output Filter
Differential to
Single-Ended
Output Filter
Differential to
Single-Ended
Output Filter
VA_HP
2.2 µF
**
FLYN
VHP_FILT-
+1.8 V
0.1 µF
VD
+5.0 V
AGND
10 µF
0.1 µF **
VL_IF
0.1 µF
+3.3 V
FLYC
VCOM
10 µF
‡ Input and Output
filters are optional.
‡
‡
‡
‡
DMIC_SDA2/
SPDIF_OUT2
D-Mic In 2 / S/PDIF TX 2
DMIC_SCL
D-Mic Clk
LINEIN_L+
LINEIN_C-
LINEIN_R+
Left Analog Input
1 µF
1800 pF
*
1 µF
Right Analog Input
1 µF
1800 pF
*
10 µF
VBIAS
+
VA_REF
0.1 µF
+5.0 V
Figure 1. Typical Connection Diagram - Desktop System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com