Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 17Page - Cirrus Logic CS4207 Datasheet HTML 18Page - Cirrus Logic CS4207 Datasheet HTML 19Page - Cirrus Logic CS4207 Datasheet HTML 20Page - Cirrus Logic CS4207 Datasheet HTML 21Page - Cirrus Logic CS4207 Datasheet HTML 22Page - Cirrus Logic CS4207 Datasheet HTML 23Page - Cirrus Logic CS4207 Datasheet HTML 24Page - Cirrus Logic CS4207 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
DS880F1
21
CS4207
COMBINED DAC INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
13. Measurement Bandwidth is from Stopband to 100 kHz.
DC ELECTRICAL CHARACTERISTICS
(AGND = 0 V; all voltages with respect to ground.)
14. The DC current draw represents the allowed current draw from the VCOM pin due to typical leakage
through electrolytic de-coupling capacitors.
15. Valid with the recommended capacitor values on VBIAS. Increasing the capacitance will also increase
the PSRR.
Parameter
Min
Typ
Max
Unit
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.01
dB
Passband
to -0.01 dB corner
to -3 dB corner
0
0
-
-
21792
23952
Hz
Hz
StopBand
-
26256
-
Hz
StopBand Attenuation (Note 13)
-
102
-
dB
Total Group Delay
-
0.196
-
ms
Parameters
Min
Typ
Max
Units
VCOM Characteristics
Nominal Voltage
Output Impedance
DC Current Source/Sink (Note 14)
-
-
-
0.5•VA
23
-
-
-
10
V
k
Ω
μA
VHP_FILT+ Characteristics
Nominal Voltage
-
0.5•VA_HP
-
V
VHP_FILT- Characteristics
Nominal Voltage
-
-0.5•VA_HP
-
V
MIC BIAS Characteristics
Nominal Voltage
VREFE = 000b
VREFE = 001b
VREFE = 010b
VREFE = 100b
DC Current Source
(VA=5.0V)
(VA=3.3V)
-
-
-
-
-
-
Hi-Z
0.5•VA
GND
0.8•VA
5
3
-
-
-
-
-
-
V
V
V
V
mA
mA
Power Supply Rejection Ratio (PSRR) (Note 15)
1 kHz
-
60
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com