Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 28Page - Cirrus Logic CS4207 Datasheet HTML 29Page - Cirrus Logic CS4207 Datasheet HTML 30Page - Cirrus Logic CS4207 Datasheet HTML 31Page - Cirrus Logic CS4207 Datasheet HTML 32Page - Cirrus Logic CS4207 Datasheet HTML 33Page - Cirrus Logic CS4207 Datasheet HTML 34Page - Cirrus Logic CS4207 Datasheet HTML 35Page - Cirrus Logic CS4207 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
32
DS880F1
CS4207
6. HD AUDIO CODEC SUPPORTED VERBS AND RESPONSES
6.1
Software Programming Model
Figure 8. Software Programming Model
Headphone
Single-Ended
Jack Detect A
D0/D3 Power States
DAC1
PCM;
Vol/M ute;
D0/D3 Power States
02h
HD _Audio
Bus
Line O ut 1
Balanced
Jack Detect D
D0/D3 Power States
DAC2
PCM;
Vol/M ute;
D0/D3 Power States
03h
09h
0Ah
Line O ut 2
Balanced
(Speaker)
DAC3
PCM;
Vol/M ute;
D0/D3 Power States
04h
0Bh
Line In 1/M ic In 2
Boost
Jack Detect C
D0/D3 Power States
ADC1
PCM;
Vol/M ute;
D0/D3 Power States
05h
0Ch
M ic In 1/Line In 2
Balanced;Vref;Boost
Jack Detect B
D0/D3 Power States
ADC2
PCM;
Vol/M ute;
D0/D3 Power States
06h
0Dh
Digital M ic In 1
Boost
0Eh
S/PDIF Reciever
Lock/Unlock Detect
D0/D3 Power States
S/PDIF IN
PCM/Non-PCM ;
D0/D3 Power States
07h
0Fh
S/PDIF Transmitter 1
S/PDIF O UT 1
PCM/Non-PCM ;
D0/D3 Power States
08h
10h
GPIO
01h
Jack Sense
Processing
W idget
11h
Digital M ic In 2
Boost
12h
Beep
Generator
13h
S/PDIF Transmitter 2
S/PDIF O UT 2
PCM/Non-PCM ;
D0/D3 Power States
14h
15h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com