Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 41Page - Cirrus Logic CS4207 Datasheet HTML 42Page - Cirrus Logic CS4207 Datasheet HTML 43Page - Cirrus Logic CS4207 Datasheet HTML 44Page - Cirrus Logic CS4207 Datasheet HTML 45Page - Cirrus Logic CS4207 Datasheet HTML 46Page - Cirrus Logic CS4207 Datasheet HTML 47Page - Cirrus Logic CS4207 Datasheet HTML 48Page - Cirrus Logic CS4207 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
DS880F1
45
CS4207
6.4.2
Supported PCM Size, Rates
Get Parameter Command Format:
Response Format:
6.4.3
Supported Stream Formats
Get Parameter Command Format:
Response Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
DAC1 Node ID=02h
DAC2 Node ID=03h
DAC3 Node ID=04h
Verb ID = F00h
Parameter ID = 0Ah
Bits
Type
Default
Description
31:21
Read Only
00000000000b
Reserved
20
Read Only
1b
32-Bit (32B):
32-bit audio format is supported.
19
Read Only
1b
24-Bit (24B):
24-bit audio format is supported.
18
Read Only
1b
20-Bit (20B):
20-bit audio format is supported.
17
Read Only
1b
16-Bit (16B):
16-bit audio format is supported.
16
Read Only
0b
8-Bit (8B):
8-bit audio format is not supported.
15:12
Read Only
0h
Reserved
11
Read Only
0b
Rate-12 (R12):
384 kHz (48*8) rate is not sup-
ported.
10
Read Only
1b
Rate-11 (R11):
192.0 kHz (48*4) rate is sup-
ported.
9
Read Only
1b
Rate-10 (R10):
176.4 kHz (44.1*4) rate is sup-
ported.
8
Read Only
1b
Rate-9 (R9):
96.0 kHz (48*2) rate is supported.
7
Read Only
1b
Rate-8 (R8):
88.2 kHz (44.1*2) rate is supported.
6
Read Only
1b
Rate-7 (R7):
48.0 kHz rate is supported.
5
Read Only
1b
Rate-6 (R6):
44.1 kHz rate is supported.
4
Read Only
1b
Rate-5 (R5):
32.0 kHz (48*2/3) rate is supported.
3
Read Only
0b
Rate-4 (R4):
22.05 kHz (44.1/2) rate is not sup-
ported.
2
Read Only
0b
Rate-3 (R3):
16.0 kHz (48/3) rate is not sup-
ported
1
Read Only
0b
Rate-2 (R2):
11.025 kHz (44.1/4) rate is not sup-
ported.
0
Read Only
0b
Rate-1 (R1):
8.0 kHz (48/6) rate is not sup-
ported.
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
DAC1 Node ID=02h
DAC2 Node ID=03h
DAC3 Node ID=04h
Verb ID = F00h
Parameter ID = 0Bh
Bits
Type
Default
Description
31:3
Read Only
0
Reserved
2
Read Only
0b
AC-3 (AC3):
AC3 is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com