Electronic Components Datasheet Search
  English  ▼

X  

SS6639 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6639
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6639 Datasheet HTML 1Page - Silicon Standard Corp. SS6639 Datasheet HTML 2Page - Silicon Standard Corp. SS6639 Datasheet HTML 3Page - Silicon Standard Corp. SS6639 Datasheet HTML 4Page - Silicon Standard Corp. SS6639 Datasheet HTML 5Page - Silicon Standard Corp. SS6639 Datasheet HTML 6Page - Silicon Standard Corp. SS6639 Datasheet HTML 7Page - Silicon Standard Corp. SS6639 Datasheet HTML 8Page - Silicon Standard Corp. SS6639 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
SS6639
n ELECTRICAL CHARACTERISTICS
(TA=25
°C, I
O=10mA, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output Voltage
SS6639-27
VIN=1.8V
SS6639-30
VIN=1.8V
SS6639-33
VIN=2.0V
SS6639-50
VIN=3.0V
VOUT
2.633
2.925
3.218
4.875
2.700
3.000
3.300
5.000
2.767
3.075
3.382
5.125
V
Input Voltage
VIN
8
V
Start-Up Voltage
IOUT=1mA, VIN:0
→2V
VSTART
0.8
0.9
V
Hold-on Voltage
IOUT=1mA, VIN:2
→0V
VHOLD
0.6
V
No-Load Input Current
IOUT=0mA
IIN
18
µA
Supply Current 1
SS6639-27
SS6639-30
SS6639-33
SS6639-50
EXT at no load, VIN=VOUT x 0.95
Measurement of the IC input
current (VOUT Pin)
IDD1
45
50
60
80
µA
Supply Current 2
SS6639-27
SS6639-30
SS6639-33
SS6639-50
EXT at no load, VIN=VOUT + 0.95
Measurement of the IC input
current (VOUT Pin)
IDD2
7
7
7
7
µA
EXT “H” On-Resistance
SS6639-27
SS6639-30
SS6639-33
SS6639-50
VEXT=VOUT – 0.4V
REXTH
300
200
185
130
Ω
EXT “L” On-Resistance
SS6639-27
SS6639-30
SS6639-33
SS6639-50
VEXT= 0.4V
REXTL
110
80
70
60
Ω
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com